Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPA2000D2PWPR Datasheet(PDF) 14 Page - Texas Instruments

Click here to check the latest version.
Part # TPA2000D2PWPR
Description  2-W FILTERLESS STEREO CLASS-D AUDIO POWER AMPLIFIER
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPA2000D2PWPR Datasheet(HTML) 14 Page - Texas Instruments

Back Button TPA2000D2PWPR Datasheet HTML 10Page - Texas Instruments TPA2000D2PWPR Datasheet HTML 11Page - Texas Instruments TPA2000D2PWPR Datasheet HTML 12Page - Texas Instruments TPA2000D2PWPR Datasheet HTML 13Page - Texas Instruments TPA2000D2PWPR Datasheet HTML 14Page - Texas Instruments TPA2000D2PWPR Datasheet HTML 15Page - Texas Instruments TPA2000D2PWPR Datasheet HTML 16Page - Texas Instruments TPA2000D2PWPR Datasheet HTML 17Page - Texas Instruments TPA2000D2PWPR Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 20 page
background image
www.ti.com
USING LOW-ESR CAPACITORS
EVALUATION CIRCUIT
RIGHT AUDIO INPUT+
TO SYSTEM CONTROL
TPA2000D2
C7
220 pF
C18
C2
C3
C4
LEFT AUDIO INPUT+
C17
C1
C6
C5
LEFT AUDIO OUTPUT+
C8
VDD
VDD
RIGHT AUDIO OUTPUT –
R1
120k
C19
C20
C21
0.1
µF
0.1
µF
0.1
µF
0.1
µF
0.1
µF
0.1
µF
1
µF
10
µF
0.1
µF
0.1
µF
0.1
µF
SHUTDOWN
PGND
LOUTN
GAIN0
LPVDD
LINN
AGND
COSC
RINN
RPVDD
ROUTN
PGND
PGND
LOUTP
BYPASS
LPVDD
LINP
VDD
ROSC
RINP
RPVDD
GAIN1
ROUTP
PGND
20
10
10
µF
LEFT AUDIO INPUT–
RIGHT AUDIO INPUT–
VDD
VDD
GAIN SELECT
GAIN SELECT
RIGHT AUDIO OUTPUT +
LEFT AUDIO OUTPUT–
TPA2000D2
SLOS291F – MARCH 2000 – REVISED MARCH 2007
Low-ESR capacitors are recommended throughout this application section. A real (as opposed to ideal)
capacitor can be modeled simply as a resistor in series with an ideal capacitor. The voltage drop across this
resistor minimizes the beneficial effects of the capacitor in the circuit. The lower the equivalent value of this
resistance the more the real capacitor behaves like an ideal capacitor.
Table 3. TPA2000D2 Application Bill of Materials
REFERENCE
DESCRIPTION
SIZE
QUANTITY
MANUFACTURER
PART NUMBER
C1-4, C17-21
Capacitor, ceramic chip, 0.1 µF, ±10%, X7R, 50 V
0805
9
Kemet
C0805C104K5RAC
C5
Capacitor, ceramic, 1.0 µF, 80%/-20%, Y5V, 16 V
0805
1
Murata
GRM40-Y5V105Z16
C6, C8
Capacitor, ceramic, 10 µF, 80%/-20%, Y5V, 16 V
1210
2
Murata
GRM235-Y5V106Z16
C7
Capacitor, ceramic, 220 pF, ±10%, XICON, 50 V
0805
2
Mouser
140-CC501B221K
R1
Resistor, chip, 120 k
Ω, 1/10 W, 5%, XICON
0805
1
Mouser
260-120K
IC, TPA2000D2, audio power amplifier, 2-W,
24 pin
U1
1
TI
TPA2000D2PWP
2-channel, class-D
TSSOP
14
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com