Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPA2000D2PWPR Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # TPA2000D2PWPR
Description  2-W FILTERLESS STEREO CLASS-D AUDIO POWER AMPLIFIER
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPA2000D2PWPR Datasheet(HTML) 1 Page - Texas Instruments

  TPA2000D2PWPR Datasheet HTML 1Page - Texas Instruments TPA2000D2PWPR Datasheet HTML 2Page - Texas Instruments TPA2000D2PWPR Datasheet HTML 3Page - Texas Instruments TPA2000D2PWPR Datasheet HTML 4Page - Texas Instruments TPA2000D2PWPR Datasheet HTML 5Page - Texas Instruments TPA2000D2PWPR Datasheet HTML 6Page - Texas Instruments TPA2000D2PWPR Datasheet HTML 7Page - Texas Instruments TPA2000D2PWPR Datasheet HTML 8Page - Texas Instruments TPA2000D2PWPR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
www.ti.com
FEATURES
1
2
3
4
5
6
7
8
9
10
11
12
24
23
22
21
20
19
18
17
16
15
14
13
PGND
LOUTN
GAIN0
PVDD
LINN
AGND
COSC
RINN
PVDD
SHUTDOWN
ROUTN
PGND
PGND
LOUTP
BYPASS
PVDD
LINP
VDD
ROSC
RINP
PVDD
GAIN1
ROUTP
PGND
PW OR PWP PACKAGE
(TOP VIEW)
DESCRIPTION
TPA2000D2
SLOS291F – MARCH 2000 – REVISED MARCH 2007
2-W FILTERLESS STEREO CLASS-D AUDIO POWER AMPLIFIER
• Short-Circuit Protection (Short to Battery,
Ground, and Load)
• Modulation Scheme Optimized to Operate
Without a Filter
• -40°C to 85°C Operating Temperature Range
• 2 W Into 3-Ω Speakers (THD+N< 0.4%)
• < 0.08% THD+N at 1 W, 1 kHz, Into 4-Ω Load
• Extremely Efficient Third Generation 5-V
Class-D Technology:
–
Low Supply Current (No Filter) . . . 8 mA
–
Low Supply Current (Filter) . . . 15 mA
–
Low Shutdown Current . . . 1 µA
–
Low Noise Floor . . . 56 µVRMS
–
Maximum Efficiency Into 3
Ω, 65-70%
–
Maximum Efficiency Into 8
Ω, 75-85%
–
4 Internal Gain Settings . . . 8-23.5 dB
–
PSRR . . . -77 dB
• Integrated Depop Circuitry
The TPA2000D2 is the third generation 5-V class-D amplifier from Texas Instruments. Improvements to previous
generation devices include: lower supply current, lower noise floor, better efficiency, four different gain settings,
smaller packaging, and fewer external components. The most significant advancement with this device is its
modulation scheme that allows the amplifier to operate without the output filter. Eliminating the output filter saves
the user approximately 30% in system cost and 75% in PCB area.
The TPA2000D2 is a monolithic class-D power IC stereo audio amplifier, using the high switching speed of
power MOSFET transistors. These transistors reproduce the analog signal through high-frequency switching of
the output stage. The TPA2000D2 is configured as a bridge-tied load (BTL) amplifier capable of delivering
greater than 2 W of continuous average power into a 3-
Ω load at less than 1% THD+N from a 5-V power supply
in the high fidelity range (20 Hz to 20 kHz). With 1 W being delivered to a 4-
Ω load at 1 kHz, the typical THD+N
is less than 0.08%.
A BTL configuration eliminates the need for external coupling capacitors on the output. Low supply current of 8
mA makes the device ideal for battery-powered applications. Protection circuitry increases device reliability:
thermal, over-current, and under-voltage shutdown.
Efficient class-D modulation enables the TPA2000D2 to operate at full power into 3-
Ω loads at an ambient
temperature of 85°C.
AVAILABLE OPTIONS(1)
PACKAGED DEVICE
TA
TSSOP (PW)
TSSOP (PWP)(2)
–40°C to 85°C
TPA2000D2PW
TPA2000D2PWP
(1)
For the most current package and ordering information, see the Package Option Addendum at the end
of this document, or see the TI web site at www.ti.com.
(2)
The PWP package is available taped and reeled. To order a taped and reeled part, add the suffix R to
the part number (e.g., TPA2000D2PWPR).
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
PRODUCTION DATA information is current as of publication date.
Copyright © 2000–2007, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - TPA2000D2PWPR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPA2000D2PWP TI-TPA2000D2PWP Datasheet
256Kb / 17P
2-W FILTERLESS STEREO CLASS-D AUDIO POWER AMPLIFIER
More results

Similar Description - TPA2000D2PWPR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPA2000D2 TI-TPA2000D2 Datasheet
256Kb / 17P
2-W FILTERLESS STEREO CLASS-D AUDIO POWER AMPLIFIER
TPA2001D2 TI-TPA2001D2 Datasheet
180Kb / 13P
1-W FILTERLESS STEREO CLASS-D AUDIO POWER AMPLIFIER
TPA2000D1 TI-TPA2000D1 Datasheet
205Kb / 14P
2-W FILTERLESS MONO CLASS-D AUDIO POWER AMPLIFIER
logo
Analog Devices
SSM2304 AD-SSM2304 Datasheet
408Kb / 19P
2 W Filterless Class-D Stereo Audio Amplifier
7/06-Revision 0
logo
Texas Instruments
TPA2001D2 TI-TPA2001D2_06 Datasheet
209Kb / 14P
1-W FILTERLESS STEREO CLASS-D AUDIO POWER AMPLIFIER
logo
Analog Devices
SSM2306 AD-SSM2306 Datasheet
503Kb / 16P
2 W, Filterless, Class-D Stereo Audio Amplifier
REV. 0
SSM2304 AD-SSM2304_15 Datasheet
935Kb / 20P
2 W Filterless Class-D Stereo Audio Amplifier
REV. 0
SSM2306 AD-SSM2306_15 Datasheet
504Kb / 16P
2 W, Filterless, Class-D Stereo Audio Amplifier
REV. 0
SSM3302 AD-SSM3302_13 Datasheet
851Kb / 20P
2 횞10 W Filterless Class-D Stereo Audio Amplifier
5/13-Rev. 0 to Rev. A
SSM2380 AD-SSM2380 Datasheet
691Kb / 32P
Filterless, Stereo, Class-D Audio Amplifier
2/11-Rev. 0 to Rev. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com