Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPA2000D2PWPR Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # TPA2000D2PWPR
Description  2-W FILTERLESS STEREO CLASS-D AUDIO POWER AMPLIFIER
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPA2000D2PWPR Datasheet(HTML) 5 Page - Texas Instruments

  TPA2000D2PWPR Datasheet HTML 1Page - Texas Instruments TPA2000D2PWPR Datasheet HTML 2Page - Texas Instruments TPA2000D2PWPR Datasheet HTML 3Page - Texas Instruments TPA2000D2PWPR Datasheet HTML 4Page - Texas Instruments TPA2000D2PWPR Datasheet HTML 5Page - Texas Instruments TPA2000D2PWPR Datasheet HTML 6Page - Texas Instruments TPA2000D2PWPR Datasheet HTML 7Page - Texas Instruments TPA2000D2PWPR Datasheet HTML 8Page - Texas Instruments TPA2000D2PWPR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
www.ti.com
TYPICAL CHARACTERISTICS
TEST SET-UP FOR GRAPHS
C2
C1
L1
L2
OUT–
OUT+
TPA2000D2
SLOS291F – MARCH 2000 – REVISED MARCH 2007
Table of Graphs
FIGURE
η
Efficiency
vs Output power
2, 3
FFT at 1.5 W output power
vs Frequency
4
vs Output power
5-7
THD+N
Total harmonic distortion plus noise
vs Frequency
8, 9
Crosstalk
vs Frequency
10
Power supply rejection ratio
vs Frequency
11
The THD+N measurements shown do not use an LC output filter, but use a low pass filter with a cutoff
frequency of 20 kHz so the switching frequency does not dominate the measurement. This is done to ensure
that the THD+N measured is just the audible THD+N. The THD+N measurements are shown at the highest gain
for worst case.
The LC output filter used in the efficiency curves (Figure 2 and Figure 3) is shown in Figure 1.
L1 = L2 = 22 µH (DCR = 110 m
Ω,
Part number = SCD0703T-220 M-S,
Manufacturer = GCI)
C1 = C2 = 1 µF
The ferrite filter used in the efficiency curves (Figure 2 and Figure 3) is shown in Figure 1, where L is a ferrite
bead.
L1 = L2 = ferrite bead (part number = 2512067007Y3, manufacturer = Fair-Rite)
C1 = C2 = 1 nF
Figure 1. Class-D Output Filter
5
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com