Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPA2000D2PWPR Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # TPA2000D2PWPR
Description  2-W FILTERLESS STEREO CLASS-D AUDIO POWER AMPLIFIER
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPA2000D2PWPR Datasheet(HTML) 10 Page - Texas Instruments

Back Button TPA2000D2PWPR Datasheet HTML 6Page - Texas Instruments TPA2000D2PWPR Datasheet HTML 7Page - Texas Instruments TPA2000D2PWPR Datasheet HTML 8Page - Texas Instruments TPA2000D2PWPR Datasheet HTML 9Page - Texas Instruments TPA2000D2PWPR Datasheet HTML 10Page - Texas Instruments TPA2000D2PWPR Datasheet HTML 11Page - Texas Instruments TPA2000D2PWPR Datasheet HTML 12Page - Texas Instruments TPA2000D2PWPR Datasheet HTML 13Page - Texas Instruments TPA2000D2PWPR Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
www.ti.com
0 V
–5 V
+5 V
Current
OUT+
OUT–
Differential
Voltage
Across
Load
0 V
–5 V
+5 V
Current
OUT+
OUT–
Differential
Voltage
Across
Load
Output = 0 V
Output > 0 V
EFFICIENCY: WHY YOU MUST USE A FILTER WITH THE TRADITIONAL CLASS-D
EFFECTS OF APPLYING A SQUARE WAVE INTO A SPEAKER
TPA2000D2
SLOS291F – MARCH 2000 – REVISED MARCH 2007
APPLICATION INFORMATION (continued)
Figure 13. The TPA2000D2 Output Voltage and Current Waveforms Into an Inductive Load
MODULATION SCHEME
The main reason that the traditional class-D amplifier needs an output filter is that the switching waveform
results in maximum current flow. This causes more loss in the load, which causes lower efficiency. The ripple
current is large for the traditional modulation scheme because the ripple current is proportional to voltage
multiplied by the time at that voltage. The differential voltage swing is 2 × VDD and the time at each voltage is
half the period for the traditional modulation scheme. An ideal LC filter is needed to store the ripple current from
each half cycle for the next half cycle, while any resistance causes power dissipation. The speaker is both
resistive and reactive, whereas an LC filter is almost purely reactive.
The TPA2000D2 modulation scheme has very little loss in the load without a filter because the pulses are very
short and the change in voltage is VDD instead of 2 × VDD. As the output power increases, the pulses widen
making the ripple current larger. Ripple current could be filtered with an LC filter for increased efficiency, but for
most applications the filter is not needed.
An LC filter with a cutoff frequency less than the class-D switching frequency allows the switching current to flow
through the filter instead of the load. The filter has less resistance than the speaker, which results in less power
dissipated and increased efficiency.
Audio specialists have said for years not to apply a square wave to speakers. If the amplitude of the waveform is
high enough and the frequency of the square wave is within the bandwidth of the speaker, the square wave
could cause the voice coil to jump out of the air gap and/or scar the voice coil. A 250-kHz switching frequency,
however, is not significant because the speaker cone movement is proportional to 1/f2 for frequencies beyond
the audio band. Therefore, the amount of cone movement at the switching frequency is very small. However,
10
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com