Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9983A/PCB Datasheet(PDF) 29 Page - Analog Devices

Part # AD9983A/PCB
Description  High Performance 8-Bit Display Interface
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9983A/PCB Datasheet(HTML) 29 Page - Analog Devices

Back Button AD9983A/PCB Datasheet HTML 25Page - Analog Devices AD9983A/PCB Datasheet HTML 26Page - Analog Devices AD9983A/PCB Datasheet HTML 27Page - Analog Devices AD9983A/PCB Datasheet HTML 28Page - Analog Devices AD9983A/PCB Datasheet HTML 29Page - Analog Devices AD9983A/PCB Datasheet HTML 30Page - Analog Devices AD9983A/PCB Datasheet HTML 31Page - Analog Devices AD9983A/PCB Datasheet HTML 32Page - Analog Devices AD9983A/PCB Datasheet HTML 33Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 44 page
background image
Preliminary Technical Data
AD9983A
Rev. PrA | Page 29 of 44
Hex
Address
Read/Write,
Read Only
Bits
Default
Value
Register Name
Description
0x2C
R/W
7:5
000* ****
Offset Hold
Must be written to default for proper operation.
4
***0 ****
Auto-Offset Hold.
Disables the auto-offset and holds the feedback result.
0 = One time update
1 = Continuous update
3:0
**** 0000
Must be written to default for proper operation.
0x2D
R/W
7:0
1111 0000
TestReg5
Must be written to Reg. 0xE8 for proper operation.
0x2E
R/W
7:0
1111 0000
TestReg6
Must be written to Reg. 0xE0 for proper operation.
0x34
R/W
2
**** *0**
SOG Filter
SOG Filter Enable.
0 = Disable SOG filter
1 = Enable SOG filter
0x36
R/W
0
**** ***0
VCO Gear
VCO Gear adds another range to the VCO—used for lower
frequencies only.
0 = Disable low VCO gear
1 = Enable low VCO gear
0x3C
R/W
7:4
0000 ****
Auto Gain
Must be set to default for proper operation
3
**** 0***
Auto Gain Matching Hold
0 = Disables auto gain updates and holds the current auto offset
values.
1 = Allows auto gain to update continuously
2:0
**** *000
Auto Gain Matching Enable
000 = Auto gain is disabled
110= Auto gain is enabled
1 Functions with more than eight control bits, such as PLL divide ratio, gain, and offset, are only updated when the LSBs are written to (for example, Register 0x02 for
PLL divide ratio).
2 Gain registers (Register 0x05, Register 0x07, and Register 0x09) when written must each be followed with a write to their next register: Register 0x05 and Register 0x06,
Register 0x07, and Register 0x08, and Register 0x09 and Register 0x0A.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com