Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9983A/PCB Datasheet(PDF) 7 Page - Analog Devices

Part # AD9983A/PCB
Description  High Performance 8-Bit Display Interface
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9983A/PCB Datasheet(HTML) 7 Page - Analog Devices

Back Button AD9983A/PCB Datasheet HTML 3Page - Analog Devices AD9983A/PCB Datasheet HTML 4Page - Analog Devices AD9983A/PCB Datasheet HTML 5Page - Analog Devices AD9983A/PCB Datasheet HTML 6Page - Analog Devices AD9983A/PCB Datasheet HTML 7Page - Analog Devices AD9983A/PCB Datasheet HTML 8Page - Analog Devices AD9983A/PCB Datasheet HTML 9Page - Analog Devices AD9983A/PCB Datasheet HTML 10Page - Analog Devices AD9983A/PCB Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 44 page
background image
Preliminary Technical Data
AD9983A
Rev. PrA | Page 7 of 44
GREEN 7
GREEN 6
GREEN 5
GREEN 4
GREEN 3
GREEN 2
GREEN 1
GREEN 0
NC
NC
BLUE 7
BLUE 6
BLUE 2
BLUE 3
BLUE 4
BLUE 5
O/E FIELD
REFHI
REFLO
PWRDN
RAIN1
RAIN0
VD
SOGIN1
GAIN1
VD
SOGIN0
GAIN0
VD
BAIN0
BAIN1
VD
AD9983A
TOP VIEW
(Not to Scale)
NC = NO CONNECT
16
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
32
17
18
19 20
21
22
23
24
25
26 27
28
29
30 31
33
48
47
46
45
44
43
42
41
40
39
38
37
36
35
34
49
64
63
62 61
60
59
58
57
56
55 54
53
52
51 50
29
PIN 1
INDICATOR
Figure 3. 64-Lead LFCSP Pin Configuration
Table 4. Complete Pinout List
Pin Number
Pin Type
80-Lead LQFP
64-Lead LFCSP
Mnemonic
Function
Value
Inputs
14
43
RAIN0
Channel 0 Analog Input for Converter R
0.0 V to 1.0 V
16
44
RAIN1
Channel 1 Analog Input for Converter R
0.0 V to 1.0 V
6
37
GAIN0
Channel 0 Analog Input for Converter G
0.0 V to 1.0 V
10
40
GAIN1
Channel 1 Analog Input for Converter G
0.0 V to 1.0 V
2
34
BAIN0
Channel 0 Analog Input for Converter B
0.0 V to 1.0 V
4
35
BAIN1
Channel 1 Analog Input for Converter B
0.0 V to 1.0 V
70
26
HSYNC0
Horizontal Sync Input for Channel 0
3.3 V CMOS
68
24
HSYNC1
Horizontal Sync Input for Channel 1
3.3 V CMOS
71
27
VSYNC0
Vertical Sync Input for Channel 0
3.3 V CMOS
69
25
VSYNC1
Vertical Sync Input for Channel 1
3.3 V CMOS
8
38
SOGIN0
Input for Sync-on-Green Channel 0
0.0 V to 1.0 V
12
41
SOGIN1
Input for Sync-on-Green Channel 1
0.0 V to 1.0 V
721
28
EXTCK
External Clock Input
3.3 V CMOS
73
29
CLAMP
External Clamp Input Signal
3.3 V CMOS
721
28
COAST
External PLL Coast Signal Input
3.3 V CMOS
17
45
PWRDN
Power-Down Control
3.3 V CMOS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com