Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9983A/PCB Datasheet(PDF) 41 Page - Analog Devices

Part # AD9983A/PCB
Description  High Performance 8-Bit Display Interface
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9983A/PCB Datasheet(HTML) 41 Page - Analog Devices

Back Button AD9983A/PCB Datasheet HTML 36Page - Analog Devices AD9983A/PCB Datasheet HTML 37Page - Analog Devices AD9983A/PCB Datasheet HTML 38Page - Analog Devices AD9983A/PCB Datasheet HTML 39Page - Analog Devices AD9983A/PCB Datasheet HTML 40Page - Analog Devices AD9983A/PCB Datasheet HTML 41Page - Analog Devices AD9983A/PCB Datasheet HTML 42Page - Analog Devices AD9983A/PCB Datasheet HTML 43Page - Analog Devices AD9983A/PCB Datasheet HTML 44Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 41 / 44 page
background image
Preliminary Technical Data
AD9983A
Rev. PrA | Page 41 of 44
OUTPUTS (BOTH DATA AND CLOCKS)
Try to minimize the trace length that the digital outputs have to
drive. Longer traces have higher capacitance and require more
instantaneous current to drive, which creates more internal
digital noise. Shorter traces reduce the possibility of reflections.
Adding a series resistor of value 50 Ω to 200 Ω can suppress
reflections, reduce EMI, and reduce the current spikes inside of
the AD9983A. If series resistors are used, place them as close to
the AD9983A pins as possible, but try not to add vias or extra
length to the output trace to get the resistors closer.
If possible, limit the capacitance that each digital output drives
to less than 10 pF. This is easily accomplished by keeping traces
short and by connecting the outputs to only one device.
Loading the outputs with excessive capacitance increases the
current transients inside of the AD9983A and creates more
digital noise on its power supplies.
DIGITAL INPUTS
Digital inputs on the AD9983A (HSYNC0, HSYNC1, VSYNC0,
VSYNC1, SOGIN0, SOGIN1, SDA, SCL, and CLAMP) are
designed to work with 3.3 V signals, but are tolerant of 5.0 V
signals. Therefore, no extra components need to be added if
using 5.0 V logic.
Any noise that gets onto the Hsync input trace adds jitter to the
system. Therefore, minimize the trace length and do not run
any digital or other high frequency traces near it.
Reference Bypass
The AD9983A has three reference voltages that must be
bypassed for proper operation of the input PGA. REFLO and
REFHI are connected to each other through a 10 μF capacitor.
These references are used by the input PGA circuitry to assure
the greatest stability. Place them as close to the AD9983A pin as
possible. Make the ground connection as short as possible.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com