Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9983A/PCB Datasheet(PDF) 17 Page - Analog Devices

Part # AD9983A/PCB
Description  High Performance 8-Bit Display Interface
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9983A/PCB Datasheet(HTML) 17 Page - Analog Devices

Back Button AD9983A/PCB Datasheet HTML 13Page - Analog Devices AD9983A/PCB Datasheet HTML 14Page - Analog Devices AD9983A/PCB Datasheet HTML 15Page - Analog Devices AD9983A/PCB Datasheet HTML 16Page - Analog Devices AD9983A/PCB Datasheet HTML 17Page - Analog Devices AD9983A/PCB Datasheet HTML 18Page - Analog Devices AD9983A/PCB Datasheet HTML 19Page - Analog Devices AD9983A/PCB Datasheet HTML 20Page - Analog Devices AD9983A/PCB Datasheet HTML 21Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 44 page
background image
Preliminary Technical Data
AD9983A
Rev. PrA | Page 17 of 44
SOG INPUT
SOGOUT OUTPUT
CONNECTED TO
HSYNCIN
NEGATIVE PULSE WIDTH = 40 SAMPLE CLOCKS
COMPOSITE
SYNC
AT HSYNCIN
VSYNCOUT
FROM SYNC
SEPARATOR
–300mV
+300mV
700mV MAXIMUM
0mV
Figure 10. Sync Slicer and Sync Separator Output
Sync Separator
As part of sync processing, the sync separator’s task is to extract
Vsync from the composite sync signal. It works on the idea that
the Vsync signal stays active for a much longer time than the
Hsync signal. By using a digital low-pass filter and a digital
comparator, it rejects pulses with small durations (such as
Hsyncs and equalization pulses) and only passes pulses with
large durations, such as Vsync (see Figure 10).
The threshold of the digital comparator is programmable for
maximum flexibility. To program the threshold duration, write
a value (N) to Register 0x11. The resulting pulse width is N ×
200 ns. So, if N = 5, the digital comparator threshold is 1 μs.
Any pulse less than 1 μs is rejected, while any pulse greater than
1 μs passes through.
There are two factors to consider when using the sync separator.
First, the resulting clean Vsync output is delayed from the
original Vsync by a duration equal to the digital comparator
threshold (N × 200 ns). Second, there is some variability to the
200 ns multiplier value. The maximum variability over all
operating conditions is ±20% (160 ns to 240 ns). Since normal
Vsync and Hsync pulse widths differ by a factor of
approximately 500 or more, the 20% variability is not an issue.
Hsync Filter and Regenerator
The Hsync filter is used to eliminate any extraneous pulses from
the Hsync or SOGIN inputs, outputting a clean, low jitter signal
that is appropriate for mode detection and clock generation.
The Hsync regenerator is used to recreate a clean, although not
low jitter, Hsync signal that can be used for mode detection and
counting Hsyncs per Vsync. The Hsync regenerator has a high
degree of tolerance to extraneous and missing pulses on the
Hsync input, but is not appropriate for use by the PLL in
creating the pixel clock due to jitter.
The Hsync regenerator runs automatically and requires no
setup to operate. The Hsync filter requires the setting up of a
filter window. The filter window sets a periodic window of time
around the regenerated Hsync leading edge where valid Hsyncs
are allowed to occur. The general idea is that extraneous pulses
on the sync input occur outside of this filter window and thus
are filtered out. To set the filter window timing, program a value
(x) into Register 0x23. The resulting filter window time is ±x
times 25 ns around the regenerated Hsync leading edge. Just as
for the sync separator threshold multiplier, allow a ±20%
variance in the 25 ns multiplier to account for all operating
conditions (20 ns to 30 ns range).
A second output from the Hsync filter is a status bit (Register 0x25,
Bit 1) that tells whether extraneous pulses were present on the
incoming sync signal or not. Often, extraneous pulses are
included for copy protection purposes, so this status bit can be
used to detect that.
The filtered Hsync (rather than the raw HSYNCx/SOGINx
signal) for pixel clock generation by the PLL is controlled by
Register 0x20, Bit 2. The regenerated Hsync (rather than the
raw Hsync/SOGIN signal) for the sync processing is controlled
by Register 0x20, Bit 1. Use of the filtered Hsync and
regenerated Hsync is recommended. See Figure 11 for an
illustration of a filtered Hsync.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com