Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9983A/PCB Datasheet(PDF) 32 Page - Analog Devices

Part # AD9983A/PCB
Description  High Performance 8-Bit Display Interface
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9983A/PCB Datasheet(HTML) 32 Page - Analog Devices

Back Button AD9983A/PCB Datasheet HTML 28Page - Analog Devices AD9983A/PCB Datasheet HTML 29Page - Analog Devices AD9983A/PCB Datasheet HTML 30Page - Analog Devices AD9983A/PCB Datasheet HTML 31Page - Analog Devices AD9983A/PCB Datasheet HTML 32Page - Analog Devices AD9983A/PCB Datasheet HTML 33Page - Analog Devices AD9983A/PCB Datasheet HTML 34Page - Analog Devices AD9983A/PCB Datasheet HTML 35Page - Analog Devices AD9983A/PCB Datasheet HTML 36Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 44 page
background image
AD9983A
Preliminary Technical Data
Rev. PrA | Page 32 of 44
0x12—Bit[5] Hsync Input Polarity Override
This bit determines whether the chip selects the Hsync input
polarity or if it is specified. Setting this bit to 0 allows the chip
to automatically select the polarity of the input Hsync; setting it
to 1 indicates that Bit 4 of Register 0x12 specifies the polarity.
Power-up default is 0.
Table 20. Hsync Input Polarity Override Settings
Override Bit
Result
0
Hsync polarity determined by chip
1
Hsync polarity determined by user
Register 0x12, Bit 4
0x12—Bit[4] Hsync Input Polarity
If Bit 5 of Register 0x12 is 1, the value of this bit specifies the
polarity of the input Hsync. Setting this bit to 0 indicates an
active low Hsync; setting this bit to 1 indicates an active high
Hsync. Power-up default is 1.
Table 21. Hsync Input Polarity Settings
Hsync Polarity Bit
Result
0
Hsync input polarity is negative
1
Hsync input polarity is positive
0x12—Bit[3] Hsync Output Polarity
This bit sets the polarity of the Hsync output. Setting this bit to
0 sets the Hsync output to active low. Setting this bit to 1 sets
the Hsync output to active high. Power-up default setting is 1.
Table 22. Hsync Output Polarity Settings
Hsync Output
Polarity Bit
Result
0
Hsync output polarity is negative
1
Hsync output polarity is positive
0x13—Bits[7:0] Hsync Duration
An 8-bit register that sets the duration of the Hsync output
pulse. The leading edge of the Hsync output is triggered by the
internally-generated, phase-adjusted PLL feedback clock. The
AD9983A then counts a number of pixel clocks equal to the
value in this register. This triggers the trailing edge of the Hsync
output, which is also phase-adjusted.
VSYNC CONTROLS
0x14—Bit[7] Vsync Source Override
This is the active Vsync override. Setting this to 0 allows the
chip to determine the active Vsync source, setting it to 1 uses
Bit 6 of Register 0x14 to determine the active Vsync source.
Power-up default value is 0.
Table 23. Active Vsync Source Override
Override
Result
0
Vsync source determined by chip
1
Vsync source determined by user
Register 0x14, Bit 6
0x14—Bit[6] Vsync Source
This bit selects the source of the Vsync for sync processing only
if Bit 7 of Register 0x14 is set to 1. Setting Bit 6 to 0 specifies the
Vsync from the input pin; setting it to 1 selects Vsync from the
sync separator. Power-up default is 0.
Table 24. Active Vsync Select Settings
Select
Result
0
Vsync input
1
Vsync from sync separator
0x14—Bit[5] Vsync Input Polarity Override
This bit sets whether the chip selects the Vsync input polarity or
if it is specified. Setting this bit to 0 allows the chip to
automatically select the polarity of the input Vsync. Setting this
bit to 1 indicates that Bit 4 of Register 0x14 specifies the
polarity. Power-up default is 0.
Table 25. Vsync Input Polarity Override Settings
Override Bit
Result
0
Vsync polarity determined by chip
1
Vsync polarity determined by user
Register 0x14, Bit 4
0x14—Bit[4] Vsync Input Polarity
If Bit 5 of Register 0x14 is 1, the value of this bit specifies the
polarity of the input Vsync. Setting this bit to 0 indicates an
active low Vsync; setting this bit to 1 indicates an active high
Vsync. Power-up default is 1.
Table 26. Vsync Input Polarity Settings
Override Bit
Result
0
Vsync input polarity is negative
1
Vsync input polarity is positive
0x14—Bit[3] Vsync Output Polarity
This bit sets the polarity of the Vsync output. Setting this bit to
0 sets the Vsync output to active low. Setting this bit to 1 sets
the Vsync output to active high. Power-up default is 1.
Table 27. Vsync Output Polarity Settings
Vsync Output
Polarity Bit
Result
0
Vsync output polarity is negative
1
Vsync output polarity is positive
0x14—Bit[2] Vsync Filter Enable
This bit enables the Vsync filter allowing precise placement of
the Vsync with respect to the Hsync and facilitating the correct
operation of the Hsyncs/Vsync count.
Table 28. Vsync Filter Enable
Vsync Filter Bit
Result
0
Vsync filter disabled
1
Vsync filter enabled



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com