Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STR730FZ1H7 Datasheet(PDF) 27 Page - STMicroelectronics

Part # STR730FZ1H7
Description  ARM7TDMI 32-bit MCU with Flash, 3x CAN, 4 UARTs, 20 timers, ADC, 12 comm. interfaces
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STR730FZ1H7 Datasheet(HTML) 27 Page - STMicroelectronics

Back Button STR730FZ1H7 Datasheet HTML 23Page - STMicroelectronics STR730FZ1H7 Datasheet HTML 24Page - STMicroelectronics STR730FZ1H7 Datasheet HTML 25Page - STMicroelectronics STR730FZ1H7 Datasheet HTML 26Page - STMicroelectronics STR730FZ1H7 Datasheet HTML 27Page - STMicroelectronics STR730FZ1H7 Datasheet HTML 28Page - STMicroelectronics STR730FZ1H7 Datasheet HTML 29Page - STMicroelectronics STR730FZ1H7 Datasheet HTML 30Page - STMicroelectronics STR730FZ1H7 Datasheet HTML 31Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 53 page
background image
STR73xF
Electrical parameters
27/53
Figure 8.
STOP IDD vs. VDD
Figure 9.
HALT IDD vs. VDD
Figure 10.
WFI IDD vs. VDD
Figure 11.
LPWFI IDD vs. VDD
0
50
100
150
200
250
300
3.5
4
4.5
5
5.5
6
6.5
Vdd (V)
TA=-45°C
TA=25°C
TA=85°C
TA=105°C
0
50
100
150
200
250
300
3.5
4
4.5
5
5.5
6
6.5
Vdd (V)
TA=-45°C
TA=25°C
TA=85°C
TA=105°C
5.5
6.0
6.5
7.0
7.5
8.0
3.5
4
4.5
5
5.5
6
6.5
Vdd (V)
TA=-45°C
TA=25°C
TA=85°C
TA=105°C
0
50
100
150
200
250
300
350
400
450
500
3.5
4
4.5
5
5.5
6
6.5
Vdd (V)
TA=-45°C
TA=25°C
TA=85°C
TA=105°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com