Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STR730FZ1H7 Datasheet(PDF) 28 Page - STMicroelectronics

Part # STR730FZ1H7
Description  ARM7TDMI 32-bit MCU with Flash, 3x CAN, 4 UARTs, 20 timers, ADC, 12 comm. interfaces
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STR730FZ1H7 Datasheet(HTML) 28 Page - STMicroelectronics

Back Button STR730FZ1H7 Datasheet HTML 24Page - STMicroelectronics STR730FZ1H7 Datasheet HTML 25Page - STMicroelectronics STR730FZ1H7 Datasheet HTML 26Page - STMicroelectronics STR730FZ1H7 Datasheet HTML 27Page - STMicroelectronics STR730FZ1H7 Datasheet HTML 28Page - STMicroelectronics STR730FZ1H7 Datasheet HTML 29Page - STMicroelectronics STR730FZ1H7 Datasheet HTML 30Page - STMicroelectronics STR730FZ1H7 Datasheet HTML 31Page - STMicroelectronics STR730FZ1H7 Datasheet HTML 32Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 53 page
background image
Electrical parameters
STR73xF
28/53
Typical application current consumption
Table 10.
Typical consumption in Run mode at 25°C and 85°C
Conditions
fMCLK (MHz) fADC (MHz) Typical IDD (mA)
VDD= 5.5 V, RC Oscillator off,
PLL on, RTC enabled, 1 Timer
(TIM) running, and ADC
running in scan mode.
Code executing in
RAM
10
10
20
20
29
36
9
42
Code executing in
Flash
10
10
22
20
32
36
9
48
Table 11.
Typical consumption in Run and low power modes at 25°C
Mode
Conditions
fMCLK
Typical IDD
RUN
All peripherals on, RAM execution
36MHz
76 mA
24MHz
56 mA
WFI
Main Voltage Regulator on, Flash on, EIC on, WIU
on, GPIOs on.
36MHz
33 mA
24MHz
31 mA
SLOW
PLL off, Main Voltage Regulator on
4MHz
11 mA
CLOCK2/16, Main Voltage Regulator on,
250kHz
8 mA
CLOCK2/16, Main Voltage Regulator off,
250kHz
3 mA
RC oscillator running in Low Frequency, Main crystal
oscillator off, Main Voltage Regulator off
29kHz
2.5 mA
LPWFI
CLOCK2/16, Main Voltage Regulator off, LP Voltage
Regulator = 2mA, Flash in power down mode.
250kHz
528 µA
STOP
Main Voltage Regulator off, RTC on, RC oscillator
off, LP Voltage Regulator = 6 mA
-
378 µA
Main Voltage Regulator off, RTC off, RC oscillator
off, LP Voltage Regulator = 6 mA
-
83 µA
Main Voltage Regulator off, RTC off, RC oscillator
off, LP Voltage Regulator = 4 mA
-
64 µA
Main Voltage Regulator off, RTC off, RC oscillator
off, LP Voltage Regulator = 2 mA
-
44 µA
HALT
RTC off, LP Voltage Regulator = 2 mA
-
44 µA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com