Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STR730FZ1H7 Datasheet(PDF) 34 Page - STMicroelectronics

Part # STR730FZ1H7
Description  ARM7TDMI 32-bit MCU with Flash, 3x CAN, 4 UARTs, 20 timers, ADC, 12 comm. interfaces
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STR730FZ1H7 Datasheet(HTML) 34 Page - STMicroelectronics

Back Button STR730FZ1H7 Datasheet HTML 30Page - STMicroelectronics STR730FZ1H7 Datasheet HTML 31Page - STMicroelectronics STR730FZ1H7 Datasheet HTML 32Page - STMicroelectronics STR730FZ1H7 Datasheet HTML 33Page - STMicroelectronics STR730FZ1H7 Datasheet HTML 34Page - STMicroelectronics STR730FZ1H7 Datasheet HTML 35Page - STMicroelectronics STR730FZ1H7 Datasheet HTML 36Page - STMicroelectronics STR730FZ1H7 Datasheet HTML 37Page - STMicroelectronics STR730FZ1H7 Datasheet HTML 38Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 53 page
background image
Electrical parameters
STR73xF
34/53
1) FLASH memory has been programmed to enter Power Down mode during LPWFI.
Table 16.
Low-power Mode Wake-up Timing
Symbol
Parameter
Conditions
Typ
Unit
tWUHALT
Wake-up from HALT mode
200
µs
tWUSTOP
Wake-up from STOP mode
RC High Frequency in STOP mode
180
µs
RC Low Frequency in STOP mode
234
µs
tWULPWFI
1)
Wake-up from LPWFI mode
Main Voltage Regulator ON
RC oscillator off
fOSC = 4 MHz, fMCLK= fOSC/16
RAM or FLASH execution
27
µs
Main Voltage Regulator ON
RC oscillator = High frequency
FLASH execution
46
µs
Main Voltage Regulator ON
RC oscillator = Low frequency
FLASH execution
3.6
ms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com