Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STR730FZ1H7 Datasheet(PDF) 51 Page - STMicroelectronics

Part # STR730FZ1H7
Description  ARM7TDMI 32-bit MCU with Flash, 3x CAN, 4 UARTs, 20 timers, ADC, 12 comm. interfaces
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STR730FZ1H7 Datasheet(HTML) 51 Page - STMicroelectronics

Back Button STR730FZ1H7 Datasheet HTML 45Page - STMicroelectronics STR730FZ1H7 Datasheet HTML 46Page - STMicroelectronics STR730FZ1H7 Datasheet HTML 47Page - STMicroelectronics STR730FZ1H7 Datasheet HTML 48Page - STMicroelectronics STR730FZ1H7 Datasheet HTML 49Page - STMicroelectronics STR730FZ1H7 Datasheet HTML 50Page - STMicroelectronics STR730FZ1H7 Datasheet HTML 51Page - STMicroelectronics STR730FZ1H7 Datasheet HTML 52Page - STMicroelectronics STR730FZ1H7 Datasheet HTML 53Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 51 / 53 page
background image
STR73xF
Known limitations
51/53
6
Known limitations
6.1
Low Power Wait For Interrupt mode
When the STR73x device is put in Low Power Wait For Interrupt mode (LPWFI), the Flash
goes into Low Power mode or Power Down mode, depending on the setting of the PWD bit
in the Flash Control Register 0 (default is ‘0’, Low Power mode). This default mode can
create excessive voltage conditions on the transistor gates and may affect the long term
behavior of the Low Power mode circuitry.
Workaround
There is no workaround. If Low Power Wait For Interrupt mode is used, it is strongly
suggested to configure the Flash to enter Power Down mode (bit PWD = ‘1’).
6.2
PLL free running mode at high temperature
When the STR73x device is operated and an ambient temperature (TA) of more than 55°C
and the main system clock (fMCLK) is sourced by the PLL in free running mode, the device
may not work properly.
Workaround
At high temperature (more than 55°C), it is recommended to use the internal RC oscillator
as a backup clock source rather than the PLL free running mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com