Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STR730FZ1H7 Datasheet(PDF) 50 Page - STMicroelectronics

Part # STR730FZ1H7
Description  ARM7TDMI 32-bit MCU with Flash, 3x CAN, 4 UARTs, 20 timers, ADC, 12 comm. interfaces
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STR730FZ1H7 Datasheet(HTML) 50 Page - STMicroelectronics

Back Button STR730FZ1H7 Datasheet HTML 45Page - STMicroelectronics STR730FZ1H7 Datasheet HTML 46Page - STMicroelectronics STR730FZ1H7 Datasheet HTML 47Page - STMicroelectronics STR730FZ1H7 Datasheet HTML 48Page - STMicroelectronics STR730FZ1H7 Datasheet HTML 49Page - STMicroelectronics STR730FZ1H7 Datasheet HTML 50Page - STMicroelectronics STR730FZ1H7 Datasheet HTML 51Page - STMicroelectronics STR730FZ1H7 Datasheet HTML 52Page - STMicroelectronics STR730FZ1H7 Datasheet HTML 53Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 50 / 53 page
background image
Order codes
STR73xF
50/53
5
Order codes
Table 27.
Order Codes
Partnumber
FLASH
Kbytes
Package
RAM
Kbytes
TIM
Timers
6x PWM
Module
CAN
Periph
A/D
Chan.
Wake-up
Lines
I/O
Ports
Temp.
Range
STR730FZ1T6
128
TQFP144
20x20
16
10
1
3
16
32
112
-40 to
+85°C
STR730FZ2T6
256
STR730FZ1H6
128
LFBGA144
10x10
STR730FZ2H6
256
STR735FZ1T6
128
TQFP144
20x20
0
STR735FZ2T6
256
STR735FZ1H6
128
LFBGA144
10x10
STR735FZ2H6
256
STR731FV0T6
64
TQFP100
14x14
6
3
12
18
72
STR731FV1T6
128
STR731FV2T6
256
STR736FV0T6
64
TQFP100
14x14
0
STR736FV1T6
128
STR736FV2T6
256
STR730FZ1T7
128
TQFP144
20x20
16
10
1
3
16
32
112
-40 to
+105°C
STR730FZ2T7
256
STR730FZ1H7
128
LFBGA144
10x10
STR730FZ2H7
256
STR735FZ1T7
128
TQFP144
20x20
0
STR735FZ2T7
256
STR735FZ1H7
128
LFBGA144
10x10
STR735FZ2H7
256
STR731FV0T7
64
TQFP100
14x14
6
3
12
18
72
STR731FV1T7
128
STR731FV2T7
256
STR736FV0T7
64
TQFP100
14x14
0
STR736FV1T7
128
STR736FV2T7
256



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com