Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STGWT60H65DFB Datasheet(PDF) 6 Page - STMicroelectronics

Part # STGWT60H65DFB
Description  Trench gate field-stop 650 V, 60 A high speed HB series IGBT
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STGWT60H65DFB Datasheet(HTML) 6 Page - STMicroelectronics

Back Button STGWT60H65DFB Datasheet HTML 2Page - STMicroelectronics STGWT60H65DFB Datasheet HTML 3Page - STMicroelectronics STGWT60H65DFB Datasheet HTML 4Page - STMicroelectronics STGWT60H65DFB Datasheet HTML 5Page - STMicroelectronics STGWT60H65DFB Datasheet HTML 6Page - STMicroelectronics STGWT60H65DFB Datasheet HTML 7Page - STMicroelectronics STGWT60H65DFB Datasheet HTML 8Page - STMicroelectronics STGWT60H65DFB Datasheet HTML 9Page - STMicroelectronics STGWT60H65DFB Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 21 page
background image
Figure 7. VCE(sat) vs collector current
VCE(sat)
1.4
1.2
0
20
IC(A)
(V)
40
60
80
2.2
2.0
1.8
1.6
VGE=15V
TJ=175°C
TJ=25°C
TJ=-40°C
2.4
100
GIPD270820131423FSR
Figure 8. Forward bias safe operating area
10
2
10
1
10 0
10
0
10
1
10
2
IC
(A)
VCE(V)
Tj≤175°C
Tc=25°C
VGE=15V
single pulse
1ms
10µs
1µs
100µs
GIPG300320151744ALS
Figure 9. Diode VF vs forward current
GIPG170415EWF7WDVF
2.8
2.4
2.0
1.6
1.2
0.8
20
40
60
80
100
VF
(V)
IF (A)
TJ =-40°C
TJ =25°C
TJ =175°C
Figure 10. Normalized V(BR)CES vs junction temperature
V(BR)CES
(norm)
1.1
1.0
0.9
-50
TJ(°C)
0
50
100
150
IC=2mA
GIPD280820131415FSR
Figure 11. Normalized VGE(th) vs junction temperature
VGE(th)
(norm)
0.8
0.7
0.6
-50
TJ(°C)
0
50
100
150
0.9
1.0
IC=1mA
GIPD280820131503FSR
Figure 12. Gate charge vs gate-emitter voltage
VGE
(V)
4
2
0
0
Qg(nC)
50 100 150 200
6
8
250 300 350
10
12
14
GIPD280820131507FSR
Vcc=520V, Ic=60A,
IG=1mA
STGW60H65DFB, STGWA60H65DFB, STGWT60H65DFB
Electrical characteristics (curves)
DS9535 - Rev 8
page 6/21



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com