Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STGWT60H65DFB Datasheet(PDF) 3 Page - STMicroelectronics

Part # STGWT60H65DFB
Description  Trench gate field-stop 650 V, 60 A high speed HB series IGBT
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STGWT60H65DFB Datasheet(HTML) 3 Page - STMicroelectronics

  STGWT60H65DFB Datasheet HTML 1Page - STMicroelectronics STGWT60H65DFB Datasheet HTML 2Page - STMicroelectronics STGWT60H65DFB Datasheet HTML 3Page - STMicroelectronics STGWT60H65DFB Datasheet HTML 4Page - STMicroelectronics STGWT60H65DFB Datasheet HTML 5Page - STMicroelectronics STGWT60H65DFB Datasheet HTML 6Page - STMicroelectronics STGWT60H65DFB Datasheet HTML 7Page - STMicroelectronics STGWT60H65DFB Datasheet HTML 8Page - STMicroelectronics STGWT60H65DFB Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 21 page
background image
2
Electrical characteristics
TJ = 25 °C unless otherwise specified
Table 3. Static characteristics
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
V(BR)CES
Collector-emitter breakdown voltage
VGE = 0 V, IC = 2 mA
650
V
VCE(sat)
Collector-emitter saturation voltage
VGE = 15 V, IC = 60 A
1.60
2
V
VGE = 15 V, IC = 60 A,
TJ = 125 °C
1.75
VGE = 15 V, IC = 60 A,
TJ = 175 °C
1.85
VF
Forward on-voltage
IF = 60 A
2
2.6
V
IF = 60 A, TJ = 125 °C
1.7
IF = 60 A, TJ = 175 °C
1.6
VGE(th)
Gate threshold voltage
VCE = VGE, IC = 1 mA
5
6
7
V
ICES
Collector cut-off current
VGE = 0 V, VCE = 650 V
25
µA
IGES
Gate-emitter leakage current
VCE = 0 V, VGE = ±20 V
±250
nA
Table 4. Dynamic characteristics
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
Cies
Input capacitance
VCE = 25 V, f = 1 MHz,
VGE = 0 V
-
7792
-
pF
Coes
Output capacitance
-
262
-
pF
Cres
Reverse transfer capacitance
-
158
-
pF
Qg
Total gate charge
VCC = 520 V, IC = 60 A,
VGE = 0 to 15 V
(see Figure 28. Gate
charge test circuit)
-
306
-
nC
Qge
Gate-emitter charge
-
126
-
nC
Qgc
Gate-collector charge
-
58
-
nC
STGW60H65DFB, STGWA60H65DFB, STGWT60H65DFB
Electrical characteristics
DS9535 - Rev 8
page 3/21



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com