Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STGWT60H65DFB Datasheet(PDF) 1 Page - STMicroelectronics

Part # STGWT60H65DFB
Description  Trench gate field-stop 650 V, 60 A high speed HB series IGBT
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STGWT60H65DFB Datasheet(HTML) 1 Page - STMicroelectronics

  STGWT60H65DFB Datasheet HTML 1Page - STMicroelectronics STGWT60H65DFB Datasheet HTML 2Page - STMicroelectronics STGWT60H65DFB Datasheet HTML 3Page - STMicroelectronics STGWT60H65DFB Datasheet HTML 4Page - STMicroelectronics STGWT60H65DFB Datasheet HTML 5Page - STMicroelectronics STGWT60H65DFB Datasheet HTML 6Page - STMicroelectronics STGWT60H65DFB Datasheet HTML 7Page - STMicroelectronics STGWT60H65DFB Datasheet HTML 8Page - STMicroelectronics STGWT60H65DFB Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 21 page
background image
TO-247
1
2
3
TO-3P
1
2
3
TO-247 long leads
TAB
1
2
3
Features
•
Maximum junction temperature: TJ = 175 °C
•
High speed switching series
•
Minimized tail current
•
Low saturation voltage: VCE(sat) = 1.6 V (typ.) @ IC = 60 A
•
Tight parameter distribution
•
Safe paralleling
•
Positive VCE(sat) temperature coefficient
•
Low thermal resistance
•
Very fast soft recovery antiparallel diode
Applications
•
Photovoltaic inverters
•
High-frequency converters
Description
These devices are IGBTs developed using an advanced proprietary trench gate field-
stop structure. These devices are part of the new HB series of IGBTs, which
represent an optimum compromise between conduction and switching loss to
maximize the efficiency of any frequency converter. Furthermore, the slightly positive
VCE(sat) temperature coefficient and very tight parameter distribution result in safer
paralleling operation.
Product status link
STGW60H65DFB
STGWT60H65DFB
STGWA60H65DFB
Trench gate field-stop 650 V, 60 A high speed HB series IGBT
STGW60H65DFB, STGWA60H65DFB,
STGWT60H65DFB
Datasheet
DS9535 - Rev 8 - July 2019
For further information contact your local STMicroelectronics sales office.
www.st.com


Similar Part No. - STGWT60H65DFB

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STGWT60H65DFB STMICROELECTRONICS-STGWT60H65DFB Datasheet
1Mb / 19P
Low thermal resistance
17-Apr-2015
More results

Similar Description - STGWT60H65DFB

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STGWT40HP65FB STMICROELECTRONICS-STGWT40HP65FB Datasheet
909Kb / 17P
Trench gate field-stop IGBT, HB series 650 V, 40 A high speed
13-Jul-2016
STGB40H65FB STMICROELECTRONICS-STGB40H65FB Datasheet
975Kb / 17P
Trench gate field-stop IGBT, HB series 650 V, 40 A high speed
27-Jun-2016
STGFW20H65FB STMICROELECTRONICS-STGFW20H65FB Datasheet
1Mb / 20P
Trench gate field-stop IGBT, HB series 650 V, 20 A high speed
28-Aug-2014
STGFW30H65FB STMICROELECTRONICS-STGFW30H65FB Datasheet
1Mb / 20P
Trench gate field-stop IGBT, HB series 650 V, 30 A high speed
28-Jul-2015
STGFW40H65FB STMICROELECTRONICS-STGFW40H65FB Datasheet
1Mb / 21P
Trench gate field-stop IGBT, HB series 650 V, 40 A high speed
21-Mar-2017
STGW60H60DLFB STMICROELECTRONICS-STGW60H60DLFB Datasheet
1Mb / 17P
Trench gate field-stop IGBT, HB series 600 V, 60 A high speed
24-Feb-2014
STGY80H65DFB STMICROELECTRONICS-STGY80H65DFB Datasheet
1Mb / 22P
Trench gate field-stop IGBT, HB series 650 V, 80 A high speed
May 2015 Rev 6
STGW40H65DFB-4 STMICROELECTRONICS-STGW40H65DFB-4 Datasheet
479Kb / 15P
Trench gate field-stop 650 V, 40 A high speed HB series IGBT
20-Jun-2019
STGW40H65DFB STMICROELECTRONICS-STGW40H65DFB Datasheet
503Kb / 16P
Trench gate field-stop 650 V, 40 A high speed HB series IGBT
19-Jun-2019
STGW60H65DFB-4 STMICROELECTRONICS-STGW60H65DFB-4 Datasheet
556Kb / 15P
Trench gate field-stop 650 V, 60 A high speed HB series IGBT
20-Jun-2019
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com