Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STGWT60H65DFB Datasheet(PDF) 19 Page - STMicroelectronics

Part # STGWT60H65DFB
Description  Trench gate field-stop 650 V, 60 A high speed HB series IGBT
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STGWT60H65DFB Datasheet(HTML) 19 Page - STMicroelectronics

Back Button STGWT60H65DFB Datasheet HTML 13Page - STMicroelectronics STGWT60H65DFB Datasheet HTML 14Page - STMicroelectronics STGWT60H65DFB Datasheet HTML 15Page - STMicroelectronics STGWT60H65DFB Datasheet HTML 16Page - STMicroelectronics STGWT60H65DFB Datasheet HTML 17Page - STMicroelectronics STGWT60H65DFB Datasheet HTML 18Page - STMicroelectronics STGWT60H65DFB Datasheet HTML 19Page - STMicroelectronics STGWT60H65DFB Datasheet HTML 20Page - STMicroelectronics STGWT60H65DFB Datasheet HTML 21Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 19 / 21 page
background image
Revision history
Table 11. Document revision history
Date
Revision
Changes
12-Mar-2013
1
Initial release.
30-Aug-2013
2
Document status promoted from preliminary to production data.
Added Section 2.1: Electrical characteristics (curves).
31-Oct-2013
3
Updated VCE(sat) in Table 4: Static characteristics.
24-Feb-2014
4
Updated title and description in cover page.
09-Jan-2015
5
Updated features in cover page, Table 2: Absolute maximum ratings,
and Table 6: IGBT switching characteristics (inductive load).
Updated Figure 5: Collector current vs. case temperature, Figure 6:
Power dissipation vs. case temperature, Figure 8: VCE(sat) vs.
collector current, Figure 18: Switching times vs collector current,
Figure 19: Switching times vs gate resistance and Figure 20:
Reverse recovery current vs. diode current slope.
Added Figure 25: Collector current vs. switching frequency.
Updated Section 4: Package information.
Minor text changes.
23-Mar-2015
6
Text edits throughout document.
In document, added new order code STGWA60H65DFB in TO-247
long leads package, with accompanying information and data.
In Section 2.1: Electrical characteristics (curves):
- updated Figure 2, Figure 3, Figure 4, Figure 7, Figure 9
17-Apr-2015
7
Text edits throughout document.
In Section 2: Electrical characteristics:
- updated Table 4: Static characteristics
- updated Table 6: IGBT switching characteristics (inductive load)
In Section 2.1: Electrical characteristics (curves):
- updated Figure 3 and Figure 9
22-Jul-2019
8
Updated Table 1. Absolute maximum ratings.
Minor text changes.
STGW60H65DFB, STGWA60H65DFB, STGWT60H65DFB
DS9535 - Rev 8
page 19/21



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com