Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STGWT60H65DFB Datasheet(PDF) 4 Page - STMicroelectronics

Part # STGWT60H65DFB
Description  Trench gate field-stop 650 V, 60 A high speed HB series IGBT
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STGWT60H65DFB Datasheet(HTML) 4 Page - STMicroelectronics

  STGWT60H65DFB Datasheet HTML 1Page - STMicroelectronics STGWT60H65DFB Datasheet HTML 2Page - STMicroelectronics STGWT60H65DFB Datasheet HTML 3Page - STMicroelectronics STGWT60H65DFB Datasheet HTML 4Page - STMicroelectronics STGWT60H65DFB Datasheet HTML 5Page - STMicroelectronics STGWT60H65DFB Datasheet HTML 6Page - STMicroelectronics STGWT60H65DFB Datasheet HTML 7Page - STMicroelectronics STGWT60H65DFB Datasheet HTML 8Page - STMicroelectronics STGWT60H65DFB Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 21 page
background image
Table 5. IGBT switching characteristics (inductive load)
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
td(on)
Turn-on delay time
VCE = 400 V, IC = 60 A,
RG = 10 Ω,
VGE = 15 V (see Figure 27.
Test circuit for inductive load
switching)
-
66
-
ns
tr
Current rise time
-
38
-
ns
(di/dt)on
Turn-on current slope
-
1216
-
A/µs
td(off)
Turn-off delay time
-
210
-
ns
tf
Current fall time
-
20
-
ns
Eon (1)
Turn-on switching energy
-
1590
-
µJ
Eoff (2)
Turn-off switching energy
-
900
-
µJ
Ets
Total switching energy
-
2490
-
µJ
td(on)
Turn-on delay time
VCE = 400 V,
IC = 60 A, RG = 10 Ω,
VGE = 15 V, TJ = 175 °C
(see Figure 27. Test circuit
for inductive load switching)
-
59
-
ns
tr
Current rise time
-
40
-
ns
(di/dt)on
Turn-on current slope
-
1230
-
A/µs
td(off)
Turn-off-delay time
-
242
-
ns
tf
Current fall time
-
147
-
ns
Eon (1)
Turn-on switching energy
-
2860
-
µJ
Eoff (2)
Turn-off switching energy
-
1255
-
µJ
Ets
Total switching energy
-
4115
-
µJ
1. Including the reverse recovery of the diode.
2. Including the tail of the collector current.
Table 6. Diode switching characteristics (inductive load)
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
trr
Reverse recovery time
IF = 60 A, VR = 400 V,
VGE = 15 V,
di/dt = 100 A/µs
(see Figure 27. Test circuit
for inductive load switching)
-
60
-
ns
Qrr
Reverse recovery charge
-
99
-
nC
Irrm
Reverse recovery current
-
3.3
-
A
dIrr/dt
Peak rate of fall of reverse recovery
current during tb
-
187
-
A/µs
Err
Reverse recovery energy
-
68
-
µJ
trr
Reverse recovery time
IF = 60 A, VR = 400 V,
VGE = 15 V,
di/dt = 100 A/µs,
TJ = 175 °C
(see Figure 27. Test circuit
for inductive load switching)
-
310
-
ns
Qrr
Reverse recovery charge
-
1550
-
nC
Irrm
Reverse recovery current
-
10
-
A
dIrr/dt
Peak rate of fall of reverse recovery
current during tb
-
59
-
A/µs
Err
Reverse recovery energy
-
674
-
µJ
STGW60H65DFB, STGWA60H65DFB, STGWT60H65DFB
Electrical characteristics
DS9535 - Rev 8
page 4/21



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com