Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IP101GA Datasheet(PDF) 21 Page - List of Unclassifed Manufacturers

Part # IP101GA
Description  Single Port 10/100 MII/RMII/TP/Fiber Fast Ethernet Transceiver
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

IP101GA Datasheet(HTML) 21 Page - List of Unclassifed Manufacturers

Back Button IP101GA Datasheet HTML 17Page - List of Unclassifed Manufacturers IP101GA Datasheet HTML 18Page - List of Unclassifed Manufacturers IP101GA Datasheet HTML 19Page - List of Unclassifed Manufacturers IP101GA Datasheet HTML 20Page - List of Unclassifed Manufacturers IP101GA Datasheet HTML 21Page - List of Unclassifed Manufacturers IP101GA Datasheet HTML 22Page - List of Unclassifed Manufacturers IP101GA Datasheet HTML 23Page - List of Unclassifed Manufacturers IP101GA Datasheet HTML 24Page - List of Unclassifed Manufacturers IP101GA Datasheet HTML 25Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 65 page
background image
IP101G
Data Sheet
Default value
Bit
Name
Description/Usage
(h): 3100
Register 0 : Control Register
0=normal operation
9
Restart Auto-
Negotiation
This bit allows the auto-negotiation function to be reset.
1 = restart auto-negotiation
0 = normal operation
0, RW/SC
8
Duplex Mode
This bit sets the duplex mode if auto-negotiation is disabled (bit
12=0)
1 = full duplex
0 = half duplex
After completing auto-negotiation, this bit will reflect the duplex
status.(1: Full duplex, 0: Half duplex)
1, RW
7
Collision Test
1=enable COL signal test
0=disable COL signal test
0,RW
6:0 Reserved
0, RO
Bit
Name
Description/Usage
Default value
(h): 7849
Register 1 : Status Register
15
100Base-T4
1 = enable 100Base-T4 support
0 = suppress 100Base-T4 support
0, RO
14
100Base-TX
Full
Duplex
1 = enable 100Base-TX full duplex support
0 = suppress 100Base-TX full duplex support
1, RO
13
100BASE-TX Half1 = enable 100Base-TX half duplex support
Duplex
0 = suppress 100Base-TX half duplex support
1, RO
12
10Base-T
Full
Duplex
1 = enable 10Base-T full duplex support
0 = suppress 10Base-T full duplex support
1, RO
11
10_Base-T
Half1 = enable 10Base-T half duplex support
Duplex
0 = suppress 10Base-T half duplex support
1, RO
10:7 Reserved
0, RO
6
MF Preamble
Suppression
The IP101G will accept management frames with preamble
suppressed. The IP101G accepts management frames without
preamble. A Minimum of 32 preamble bits is required for the first
SMI read/write transaction after reset. One idle bit is required
between any two management transactions as per IEEE802.3u
specifications
1, RO
5
Auto- Negotiation
Complete
1 = auto-negotiation process completed
0 = auto-negotiation process not completed
0, RO
4
Remote Fault
1 = remote fault condition detected (cleared on read)
0 = no remote fault condition detected
0, RO/LH
3
Auto- Negotiation 1 = able to perform auto-negotiation
0 = unable to perform auto-negotiation
1, RO
2
Link Status
1 = valid link established
0 = no valid link established
0, RO/LL
1
Jabber Detect
1 = jabber condition detected
0 = no jabber condition detected
0, RO/LH
0
Extended
Capability
1 = extended register capability
0 = basic register capability only
1, RO
21/65
January 14, 2014
Copyright © 2011, IC Plus Corp.
IP101G-DS-R01



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com