Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IP101GA Datasheet(PDF) 49 Page - List of Unclassifed Manufacturers

Part # IP101GA
Description  Single Port 10/100 MII/RMII/TP/Fiber Fast Ethernet Transceiver
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

IP101GA Datasheet(HTML) 49 Page - List of Unclassifed Manufacturers

Back Button IP101GA Datasheet HTML 45Page - List of Unclassifed Manufacturers IP101GA Datasheet HTML 46Page - List of Unclassifed Manufacturers IP101GA Datasheet HTML 47Page - List of Unclassifed Manufacturers IP101GA Datasheet HTML 48Page - List of Unclassifed Manufacturers IP101GA Datasheet HTML 49Page - List of Unclassifed Manufacturers IP101GA Datasheet HTML 50Page - List of Unclassifed Manufacturers IP101GA Datasheet HTML 51Page - List of Unclassifed Manufacturers IP101GA Datasheet HTML 52Page - List of Unclassifed Manufacturers IP101GA Datasheet HTML 53Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 65 page
background image
IP101G
Data Sheet
In slave mode, a WOL+ interrupt will take place if no any frame for a period time and the WOL+
function only be asserted by CPU through SMI interface to write WOL+ control register (Page4
Reg16[5]).
Table 5 WOL+ operation mode
Register Page17
Sleeping
(Reg17.2)
Sleep
(Reg17.1)
Wake
(Reg17.0)
Description
0
0
0
IP101G is in normal mode.
0
x
1
IP101G has been changed to normal mode.
0
1
0
IP101G is in normal mode and it’s ready for sleeping in WOL+
slave mode. CPU may set Page4 Reg16[5] as 1 to force sleep.
1
x
0
IP101G is in WOL+ sleep mode.
1
0
1
IP101G is in WOL+ sleep mode and it’s ready for wake up in
WOL+ slave mode. CPU may set Page4 Reg16[5] as 1 to force
wake up.
1
1
1
IP101G is in WOL+ sleep mode.
Once IP101G enters to power-saving mode (speed down to 10Mbps when sleep), it shall wake up if
a) Disable WOL+ function (Page4 Reg16.15);
b) Sense magic packet;
c) Sense link change;
d) Sense any packet;
The packet format of Magic packet is showing as follows, source address=0x112233445566 for
example, repeat this source address 16 times at least.
Received Packet
0xFFFFFFFFFFFF
0x112233445566
0x112233445566
0x112233445566
0x112233445566
0x112233445566
0x112233445566
0x112233445566
0x112233445566
0x112233445566
0x112233445566
0x112233445566
0x112233445566
0x112233445566
0x112233445566
0x112233445566
0x112233445566
Figure 13 Magic Packet Format
49/65
January 14, 2014
Copyright © 2011, IC Plus Corp.
IP101G-DS-R01



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com