Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IP101GA Datasheet(PDF) 34 Page - List of Unclassifed Manufacturers

Part # IP101GA
Description  Single Port 10/100 MII/RMII/TP/Fiber Fast Ethernet Transceiver
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

IP101GA Datasheet(HTML) 34 Page - List of Unclassifed Manufacturers

Back Button IP101GA Datasheet HTML 30Page - List of Unclassifed Manufacturers IP101GA Datasheet HTML 31Page - List of Unclassifed Manufacturers IP101GA Datasheet HTML 32Page - List of Unclassifed Manufacturers IP101GA Datasheet HTML 33Page - List of Unclassifed Manufacturers IP101GA Datasheet HTML 34Page - List of Unclassifed Manufacturers IP101GA Datasheet HTML 35Page - List of Unclassifed Manufacturers IP101GA Datasheet HTML 36Page - List of Unclassifed Manufacturers IP101GA Datasheet HTML 37Page - List of Unclassifed Manufacturers IP101GA Datasheet HTML 38Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 65 page
background image
IP101G
Data Sheet
34/65
January 14, 2014
Copyright © 2011, IC Plus Corp.
IP101G-DS-R01
4.5 RX Counter Register
MII page1 register17
page
MII
ROM R/W
Description
Default
RX Counter Control Register
1
17[13]
R/W RX Counter Enable
0= RX Counter Disable
1= RX Counter Enable for CRC_ERR_CNT(P1R18[15:0]),
PKT_STS_CNT(P2R18[15:0]) and
SYMB_ERR_CNT(P11R18[15:0]).
0
The other Registers are reserved registers. User is inhibited to access to these registers. It may
introduce abnormal function to write these registers.
MII page1 register18
page
MII
ROM R/W
Description
Default
RX CRC Error Counter Register
1
18[15:0]
RO CRC_ERR_CNT
RX CRC error counter
0x0000
MII page2 register18
page
MII
ROM R/W
Description
Default
RX Packet Counter Register
2
18[15:0]
RO PKT_STS_CNT
RX packet status counter (include CRC good and error packet)
0x0000
MII page8 register17
page
MII
ROM R/W
Description
Default
RX Counter Control Register
17[15]
R/W RXERR_CNT_RDCLR_EN
Set 1 to clear RX error counter after reading
0
17[14]
R/W RXERR_CNT_REPEAT
This bit is set to 0 when RXERR_INTR_EN = 1
1
17[13:12]
R/W RXERR_CNTDOWN_SEL
Select the RX error countdown value
2’b00: 1
2’b01: 255
2’b10: 1023
2’b11: 65535
2’b11
8
17[11:0]
RO Reserved
0x000
MII page11 register18
page
MII
ROM R/W
Description
Default
UTP PHY Interrupt Control/Status Register



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com