Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IP101GA Datasheet(PDF) 39 Page - List of Unclassifed Manufacturers

Part # IP101GA
Description  Single Port 10/100 MII/RMII/TP/Fiber Fast Ethernet Transceiver
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

IP101GA Datasheet(HTML) 39 Page - List of Unclassifed Manufacturers

Back Button IP101GA Datasheet HTML 35Page - List of Unclassifed Manufacturers IP101GA Datasheet HTML 36Page - List of Unclassifed Manufacturers IP101GA Datasheet HTML 37Page - List of Unclassifed Manufacturers IP101GA Datasheet HTML 38Page - List of Unclassifed Manufacturers IP101GA Datasheet HTML 39Page - List of Unclassifed Manufacturers IP101GA Datasheet HTML 40Page - List of Unclassifed Manufacturers IP101GA Datasheet HTML 41Page - List of Unclassifed Manufacturers IP101GA Datasheet HTML 42Page - List of Unclassifed Manufacturers IP101GA Datasheet HTML 43Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 65 page
background image
IP101G
Data Sheet
39/65
January 14, 2014
Copyright © 2011, IC Plus Corp.
IP101G-DS-R01
MII page1 register23
page
MII
ROM R/W
Description
Default
23[13]
R/W RX2TX_LPBK
1= Rx to Tx loopback mode for debugging
0= Normal mode
(INTR pin of IP101G/IP101GA should pull 5.1K resistor to
DVDD33_IO for normal mode operation. We can connect INTR
pin to GND for Rx to Tx loopback test.)
0
23[12]
R/W Reserved
0
23[11]
R/W FIX_TXD_EN
1= Fix TXD pattern
0= Normal mode
0
23[10]
R/W FIX_TXD_SEL
1= Long pulse
0= Short pulse
0
23[9]
R/W FORCE_TX_LPI
1= Force TX LPI
0= TX respond to MII
0
23[8:0]
R/W Reserved
0
The other Registers are reserved registers. User is inhibited to access to these registers. It may
introduce abnormal function to write these registers.
4.9 Digital IO Pin Control Register
MII page4 Register22
page
MII
ROM R/W
Description
Default
Digital IO Pin Driving Control Register
22[15:13]
R/W RXC_DRIVE
RXC PAD Driving Current
3’b000: 1.62mA
3’b001: 3.24mA
3’b010: 4.86mA
3’b011: 6.48mA
3’b100: 8.10mA
3’b101: 12.96mA
3’b110: 17.82mA
3’b111: 22.68mA
3’b010
(e-fuse)
22[12:11]
RO Reserved
2’b00
4
22[10:0]
R/W Reserved
0x000
The other Registers are reserved registers. User is inhibited to access to these registers. It may
introduce abnormal function to write these registers.
MII page16 Register26~27
page
MII
ROM R/W
Description
Default
Digital IO Pin Driving Control Register
16
26[15]
RO Reserved
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com