Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IP101GA Datasheet(PDF) 7 Page - List of Unclassifed Manufacturers

Part # IP101GA
Description  Single Port 10/100 MII/RMII/TP/Fiber Fast Ethernet Transceiver
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

IP101GA Datasheet(HTML) 7 Page - List of Unclassifed Manufacturers

Back Button IP101GA Datasheet HTML 3Page - List of Unclassifed Manufacturers IP101GA Datasheet HTML 4Page - List of Unclassifed Manufacturers IP101GA Datasheet HTML 5Page - List of Unclassifed Manufacturers IP101GA Datasheet HTML 6Page - List of Unclassifed Manufacturers IP101GA Datasheet HTML 7Page - List of Unclassifed Manufacturers IP101GA Datasheet HTML 8Page - List of Unclassifed Manufacturers IP101GA Datasheet HTML 9Page - List of Unclassifed Manufacturers IP101GA Datasheet HTML 10Page - List of Unclassifed Manufacturers IP101GA Datasheet HTML 11Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 65 page
background image
IP101G
Data Sheet
7/65
January 14, 2014
Copyright © 2011, IC Plus Corp.
IP101G-DS-R01
Features comparison between IP101G and IP101A/IP101AH
Table 1 Features comparison between IP101G and IP101A/IP101AH
Product Name
IP101GR
IP101G
IP101GA
IP101A
IP101AH
Package Type
32pin QFN
Dice
48pin LQFP
48pin LQFP
REGOUT(1) Output Voltage
and location
1.0V, pin28
1.0V, pad5
and pad11
1.0V, pin8
2.5V, pin32
REGIN Input Voltage and
location
NA(2)
1.0V, pad23
and pad26
NA
2.5V, pin8
RMII mode setting
Pin4
Pad18
Pin1
Pin1 and pin44
Fiber mode setting:
Fiber FXSD signal:
Pin19
Pin1
Pad39
Pad13
Pin22
Pin43
NA
Pin24 and pin48
Pin37
Number of LED
2
4
4
5
LED mode
1 and 2
1 and 2
LED Blink Timing
On 26ms -> Off 78ms
On 26ms -> Off 78ms
PHY address number(3)
Single: 0 ~ 1
Multi: 2 ~ 31
Single: 0 ~ 7
Multi: 8 ~ 31
Single: 0 ~ 31
Center-tap of transformer
Do not connect to any power
2.5V input power
Built-in 49.9ohm resistors
Yes
No
Power consumption
~150mW
~480mW
Process
85nm
0.25μm
IEEE 802.3az
Yes
No
10Base TX amplitude
~1.75V (10Base-Te)
~2.5V (10Base-T)
WOL+ (Wake On LAN Plus)
Yes
No
Analog OFF
Yes
No
16 bit RX counter
Yes
No
9 bit RXER/CRC counter
Yes
No
RX to TX Loopback
Yes
No
Loopback MII/RMII
Yes
Yes
SNI mode
No
Yes
Note 1: Regulator voltage output is for internal use only. Do not supply to any other device.
Note 2: Not available for this function. The 1.0V is supplied by the regulator that built-in the chip.
Note 3: Do not let these PHY address pins floating for the latched-in settings after the power is ready.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com