Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IP5310 Datasheet(PDF) 11 Page - Injoinic Technology Co.,Ltd.

Part # IP5310
Description  2A charging/2.4A discharging mobile power supply SOC with integrated digital tube driver
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INJOINIC [Injoinic Technology Co.,Ltd.]
Direct Link  http://www.injoinic.com
Logo INJOINIC - Injoinic Technology Co.,Ltd.

IP5310 Datasheet(HTML) 11 Page - Injoinic Technology Co.,Ltd.

Back Button IP5310 Datasheet HTML 7Page - Injoinic Technology Co.,Ltd. IP5310 Datasheet HTML 8Page - Injoinic Technology Co.,Ltd. IP5310 Datasheet HTML 9Page - Injoinic Technology Co.,Ltd. IP5310 Datasheet HTML 10Page - Injoinic Technology Co.,Ltd. IP5310 Datasheet HTML 11Page - Injoinic Technology Co.,Ltd. IP5310 Datasheet HTML 12Page - Injoinic Technology Co.,Ltd. IP5310 Datasheet HTML 13Page - Injoinic Technology Co.,Ltd. IP5310 Datasheet HTML 14Page - Injoinic Technology Co.,Ltd. IP5310 Datasheet HTML 15Page - Injoinic Technology Co.,Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
IP5506
V1.0
11 / 16
Copyright © 2018, Injoinic Corp.
5 灯模式
放电
电量 C(%)
D1
D2
D3
D4
D5
C≥80%
亮
亮
亮
亮
亮
60
%≤C<80%
亮
亮
亮
亮
灭
40
%≤C<60%
亮
亮
亮
灭
灭
20
%≤C<40%
亮
亮
灭
灭
灭
3%≤C<20%
亮
灭
灭
灭
灭
0%<C<3%
1Hz 闪烁
灭
灭
灭
灭
充电
电量 C(%)
D1
D2
D3
D4
D5
充满
亮
亮
亮
亮
亮
C≥80%
亮
亮
亮
亮
1Hz 闪烁
60
%≤C<80%
亮
亮
亮
1Hz 闪烁
灭
40
%≤C<60%
亮
亮
1Hz 闪烁
灭
灭
20
%≤C<40%
亮
1Hz 闪烁
灭
灭
灭
<20%
1Hz 闪烁
灭
灭
灭
灭
4 灯模式
放电
电量 C(%)
D1
D2
D3
D4
C≥75%
亮
亮
亮
亮
50%≤C<75%
亮
亮
亮
灭
25%≤C<50%
亮
亮
灭
灭
3%≤C<25%
亮
灭
灭
灭
0%<C<3%
1Hz 闪烁
灭
灭
灭
充电
电量 C(%)
D1
D2
D3
D4
充满
亮
亮
亮
亮
75%≤C
亮
亮
亮
1Hz 闪烁
50%≤C<75%
亮
亮
1Hz 闪烁
灭
25%≤C<50%
亮
1Hz 闪烁
灭
灭
C<25%
1Hz 闪烁
灭
灭
灭



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com