Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IP5310 Datasheet(PDF) 12 Page - Injoinic Technology Co.,Ltd.

Part # IP5310
Description  2A charging/2.4A discharging mobile power supply SOC with integrated digital tube driver
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INJOINIC [Injoinic Technology Co.,Ltd.]
Direct Link  http://www.injoinic.com
Logo INJOINIC - Injoinic Technology Co.,Ltd.

IP5310 Datasheet(HTML) 12 Page - Injoinic Technology Co.,Ltd.

Back Button IP5310 Datasheet HTML 8Page - Injoinic Technology Co.,Ltd. IP5310 Datasheet HTML 9Page - Injoinic Technology Co.,Ltd. IP5310 Datasheet HTML 10Page - Injoinic Technology Co.,Ltd. IP5310 Datasheet HTML 11Page - Injoinic Technology Co.,Ltd. IP5310 Datasheet HTML 12Page - Injoinic Technology Co.,Ltd. IP5310 Datasheet HTML 13Page - Injoinic Technology Co.,Ltd. IP5310 Datasheet HTML 14Page - Injoinic Technology Co.,Ltd. IP5310 Datasheet HTML 15Page - Injoinic Technology Co.,Ltd. IP5310 Datasheet HTML 16Page - Injoinic Technology Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 12 / 16 page
background image
IP5506
V1.0
12 / 16
Copyright © 2018, Injoinic Corp.
3 灯模式
放电
电量 C(%)
D1
D2
D3
C≥66%
33
%≤C<66%
3%≤C<33%
0%<C<3%
1Hz 闪烁
充电
电量 C(%)
D1
D2
D3
75%≤C
66
%≤C<100%
1Hz 闪烁
33
%≤C<66%
1Hz 闪烁
C<33%
1Hz 闪烁
2 灯模式
状态
D1
D2
充电
充电过程
1Hz 闪烁
充满
放电
正常放电
低电
1Hz 闪烁
1 灯模式
状态
D1
充电
充电过程
1HZ 闪烁
充饱
放电
正常放电
低电
1HZ 闪烁
数码管模式
数码管
充电
放电
未充满状态
充满状态
电量小于 5%
电量大于 5%
188 型(YF2252SR-5)
0-99% 1HZ 闪烁
常亮 100%
0-5% 2HZ 闪烁
5%-100% 常亮
888 型()
0-99% 1HZ 闪烁
常亮 100%
0-5% 2HZ 闪烁
5%-100% 常亮
88 型()
0-98% 1HZ 闪烁
常亮 99%
0-5% 2HZ 闪烁
5%-99% 常亮



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com