Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IP5310 Datasheet(PDF) 14 Page - Injoinic Technology Co.,Ltd.

Part # IP5310
Description  2A charging/2.4A discharging mobile power supply SOC with integrated digital tube driver
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INJOINIC [Injoinic Technology Co.,Ltd.]
Direct Link  http://www.injoinic.com
Logo INJOINIC - Injoinic Technology Co.,Ltd.

IP5310 Datasheet(HTML) 14 Page - Injoinic Technology Co.,Ltd.

Back Button IP5310 Datasheet HTML 8Page - Injoinic Technology Co.,Ltd. IP5310 Datasheet HTML 9Page - Injoinic Technology Co.,Ltd. IP5310 Datasheet HTML 10Page - Injoinic Technology Co.,Ltd. IP5310 Datasheet HTML 11Page - Injoinic Technology Co.,Ltd. IP5310 Datasheet HTML 12Page - Injoinic Technology Co.,Ltd. IP5310 Datasheet HTML 13Page - Injoinic Technology Co.,Ltd. IP5310 Datasheet HTML 14Page - Injoinic Technology Co.,Ltd. IP5310 Datasheet HTML 15Page - Injoinic Technology Co.,Ltd. IP5310 Datasheet HTML 16Page - Injoinic Technology Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 14 / 16 page
background image
IP5506
V1.0
14 / 16
Copyright © 2018, Injoinic Corp.
10 典型应用原理图
IP5506 只需要电感、电容、电阻, 即可实现完整功能的移动电源方案。
VIN
VBAT
CSIN
LX
VCC
17
GND
GND
LED2
LED3
LED4
LED5
VOUT
2
14
15
16
14
4
12
7
6
5
4
1
IP5506
VIN
VOUT
CP3
10uF
VBAT
CSIN
R6
10mohm
CP1
10uF
CP2
10uF
L1
1uH
VCC
C3
2.2uF
CP4
22uF
CP5
10uF
USB-A
USB-A
VOUT
VOUT
DM1
DP1
C1
0.1uF
C2
0.1uF
CP6
22uF
虚线框内是DCP控制模块,若不需要可去掉
USB-B
KEY
LED1
VSET
FCAP
FSEL
VCC
R1
100R
R2
100R
R3
100R
R4
100R
R5
100R
10
11
8
9
R7
R8
R10
R9
R11 10K
R12 20R
R7可设定电芯初始化容量
R8可设定按键开关方式
D1
R9
R10
4.2V 4.3V 4.35V 4.4V
0R
NC
0R
NC
300K
150K
150K
300K
DM2
DP2
IP2112
DP1
DP2
GND
DM1
DM2
Vcc
1
2
3
6
5
4
DM1
DM2
DP1
DP2
VCC
1uF
SI2301
VOUT
1K
图 9
IP5506 数码管应用的典型应用原理图
电感推荐型号 SPM70701R0
DARFON PIN
Inductance
(uH)
Tolerance
DC Resistance
(mΩ)
Heat Rating
Current
DC Amp.
Saturation
Current
DC Amps.
Measuring
Condition
Typ.
Max.
Idc(A)Max.
Isat(A)Max.
SPM70701R0
1.0
±20%
8.5
8
12
15
锂电 IC 推荐型号
INJOINIC
Pack age
Overcharge Detection
Voltage [VCU] (V)
Overdischarge Detection
Voltage [VDL] (V)
Overcurrent
Detection Current [IOV] (A)
IP3005A
ESOP8
4.28V
2.5V
7A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com