Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM339LVDR Datasheet(PDF) 15 Page - Texas Instruments

Part # LM339LVDR
Description  TL331LV, TL391LV, LM393LV and LM339LV Low Voltage Rail to Rail Input Comparators
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM339LVDR Datasheet(HTML) 15 Page - Texas Instruments

Back Button LM339LVDR Datasheet HTML 11Page - Texas Instruments LM339LVDR Datasheet HTML 12Page - Texas Instruments LM339LVDR Datasheet HTML 13Page - Texas Instruments LM339LVDR Datasheet HTML 14Page - Texas Instruments LM339LVDR Datasheet HTML 15Page - Texas Instruments LM339LVDR Datasheet HTML 16Page - Texas Instruments LM339LVDR Datasheet HTML 17Page - Texas Instruments LM339LVDR Datasheet HTML 18Page - Texas Instruments LM339LVDR Datasheet HTML 19Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 63 page
background image
6.13 Typical Characteristics (continued)
TA = 25°C, VS = 5 V, RPULLUP = 2.5k, CL = 15 pF, VCM = GND, VUNDERDRIVE = 100 mV, VOVERDRIVE = 100 mV unless
otherwise noted.
Output Sinking Current (A)
100P
1m
10m
100m
1m
10m
100m
1
10
100P
1m
10m
100m
1m
10m
100m
1
10
125°C
85°C
25°C
-40°C
Figure 6-7. Output Sinking Current vs. Output Voltage, 1.8V
Output Sinking Current (A)
100P
1m
10m
100m
1m
10m
100m
1
10
100P
1m
10m
100m
1m
10m
100m
1
10
125°C
85°C
25°C
-40°C
Figure 6-8. Output Sinking Current vs. Output Voltage, 3.3V
Output Sinking Current (A)
100P
1m
10m
100m
1m
10m
100m
1
10
100P
1m
10m
100m
1m
10m
100m
1
10
125°C
85°C
25°C
-40°C
Figure 6-9. Output Sinking Current vs. Output Voltage, 5V
Temperature (°C)
-40
-25
-10
5
20
35
50
65
80
95
110 125
0
10
20
30
40
50
60
70
80
90
100
110
120
130
5V
3.3V
1.8
Figure 6-10. Sinking Short Circuit Current vs. Temperature
Output Capacittive Load (F)
10p
100p
1n
10n
1
10
100
1k
VS = 5V
125°C
85°C
25°C
-40°C
Figure 6-11. Risetime vs. Capacitive Load
Output Capacittive Load (F)
10p
100p
1n
10n
1
10
100
1k
VS = 5V
125°C
85°C
25°C
-40°C
Figure 6-12. Falltime vs. Capacitive Load
www.ti.com
TL331LV, TL391LV, LM393LV, LM339LV
SNOSDA4C – JUNE 2020 – REVISED MARCH 2023
Copyright © 2023 Texas Instruments Incorporated
Submit Document Feedback
15
Product Folder Links: TL331LV TL391LV LM393LV LM339LV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com