Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM339LVDR Datasheet(PDF) 20 Page - Texas Instruments

Part # LM339LVDR
Description  TL331LV, TL391LV, LM393LV and LM339LV Low Voltage Rail to Rail Input Comparators
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM339LVDR Datasheet(HTML) 20 Page - Texas Instruments

Back Button LM339LVDR Datasheet HTML 16Page - Texas Instruments LM339LVDR Datasheet HTML 17Page - Texas Instruments LM339LVDR Datasheet HTML 18Page - Texas Instruments LM339LVDR Datasheet HTML 19Page - Texas Instruments LM339LVDR Datasheet HTML 20Page - Texas Instruments LM339LVDR Datasheet HTML 21Page - Texas Instruments LM339LVDR Datasheet HTML 22Page - Texas Instruments LM339LVDR Datasheet HTML 23Page - Texas Instruments LM339LVDR Datasheet HTML 24Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 63 page
background image
7.4.2 Power-On-Reset (POR)
The LV family has an internal Power-on-Reset (POR) circuit for known start-up or power-down conditions. While
the power supply (V+) is ramping up or ramping down, the POR circuitry will be activated for up to 30µs after the
minimum supply voltage threshold of 1.5V is crossed, or immediately when the supply voltage drops below 1.5V.
When the supply voltage is equal to or greater than the minimum supply voltage, and after the delay period, the
comparator output reflects the state of the differential input (VID).
The POR circuit will keep the output high impedance (HI-Z) during the POR period (ton).
t
ON
V
OH/2
GND
OUT
VCC
GND + 1.5V
GND
Figure 7-1. Power-On-Reset Timing Diagram
Note that it is the nature of an open collector output that the output will rise with the pull-up voltage during the
POR period.
A light pull-up (to V+) or pull-down (to GND) resistor can be used to pre-bias the output condition to prevent the
output from floating.
7.4.3 Inputs
7.4.3.1 Rail to Rail Input
The LV family input voltage range extends from 100mV below GND to 100 mV above V+. The differential input
voltage (VID) can be any voltage within these limits. No phase-inversion of the comparator output will occur when
the input pins exceed V+ or GND.
7.4.3.2 Fault Tolerant Inputs
The LV family inputs are fault tolerant up to 5.5V independent of V+. Fault tolerant is defined as maintaining the
same high input impedance when V+ is unpowered or within the recommended operating ranges.
The fault tolerant inputs can be any value between 0 V and 5.5 V, even while V+ is zero or ramping up or down.
This feature avoids power sequencing issues as long as the input voltage range and supply voltage are within
the specified ranges. This is possible since the inputs are not clamped to V+ and the input current maintains its
value even when a higher voltage is applied to the inputs.
As long as one of the input pins remains within the valid input range, and the supply voltage is valid and not in
POR, the output state will be correct.
The following is a summary of input voltage excursions and their outcomes:
1. When both IN- and IN+ are within the specified input voltage range:
a. If IN- is higher than IN+ and the offset voltage, the output is low.
b. If IN- is lower than IN+ and the offset voltage, the output is high.
2. When IN- is higher than the specified input voltage range and IN+ is within the specified voltage range, the
output is low.
3. When IN+ is higher than the specified input voltage range and IN- is within the specified input voltage range,
the output is high
4. When IN- and IN+ are both outside the specified input voltage range, the output is indeterminate (random).
Do not operate in this region.
Even with the fault tolerant feature, TI strongly recommends keeping the inputs within the specified input voltage
range during normal system operation to maintain datasheet specifications. Operating outside the specified input
range can cause changes in specifications such as propagation delay, which can lead to unpredictable behavior.
TL331LV, TL391LV, LM393LV, LM339LV
SNOSDA4C – JUNE 2020 – REVISED MARCH 2023
www.ti.com
20
Submit Document Feedback
Copyright © 2023 Texas Instruments Incorporated
Product Folder Links: TL331LV TL391LV LM393LV LM339LV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com