Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM339LVDR Datasheet(PDF) 10 Page - Texas Instruments

Part # LM339LVDR
Description  TL331LV, TL391LV, LM393LV and LM339LV Low Voltage Rail to Rail Input Comparators
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM339LVDR Datasheet(HTML) 10 Page - Texas Instruments

Back Button LM339LVDR Datasheet HTML 6Page - Texas Instruments LM339LVDR Datasheet HTML 7Page - Texas Instruments LM339LVDR Datasheet HTML 8Page - Texas Instruments LM339LVDR Datasheet HTML 9Page - Texas Instruments LM339LVDR Datasheet HTML 10Page - Texas Instruments LM339LVDR Datasheet HTML 11Page - Texas Instruments LM339LVDR Datasheet HTML 12Page - Texas Instruments LM339LVDR Datasheet HTML 13Page - Texas Instruments LM339LVDR Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 63 page
background image
6.9 Electrical Characteristics, LM393LV
For VS (Total Supply Voltage) = (V+) – (GND) = 5 V, VCM = (GND) at TA = 25°C (Unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
OFFSET VOLTAGE
VOS
Input offset voltage
VS = 1.8 V and 5 V
–2
±0.4
2
mV
VOS
Input offset voltage
VS = 1.8 V and 5 V, TA = –40°C to +125°C
–3
3
mV
dVIO/dT
Input offset voltage drift VS = 1.8 V and 5 V, TA = –40°C to +125°C
±1.5
µV/°C
POWER SUPPLY
IQ
Quiescent current per
comparator
VS = 1.8 V and 5 V, No Load, Output Low
25
35
µA
IQ
Quiescent current per
comparator
VS = 1.8 V and 5 V, No Load, Output Low, TA =
–40°C to +125°C
50
PSRR
Power-supply rejection
ratio
VS = 1.8 V to 5 V, TA = –40°C to +125°C
70
80
dB
INPUT BIAS CURRENT
IB
Input bias current
VCM = VS/2
5
pA
IOS
Input offset current
VCM = VS/2
1
pA
INPUT CAPACITANCE
CID
Input Capacitance,
Differential
VCM = VS/2
2
pF
CIC
Input Capacitance,
Common Mode
VCM = VS/2
3
pF
INPUT VOLTAGE RANGE
VCM-Range
Common-mode voltage
range
VS = 1.8 V and 5 V, TA = –40°C to +125°C
(GND)
(V+)
V
CMRR
Common-mode
rejection ratio
VS = 5 V, (GND) < VCM < (V+), TA = –40°C to
+125°C
60
65
dB
CMRR
Common-mode
rejection ratio
VS = 1.8 V, (GND) < VCM < (V+), TA = –40°C to
+125°C
50
60
dB
OPEN-LOOP GAIN
AVD
Large signal differential
voltage amplification
50
200
V/mV
OUTPUT
VOL
Voltage swing from
GND
ISINK = 4 mA, TA = 25°C
150
200
mV
VOL
Voltage swing from
GND
ISINK = 4 mA, TA = –40°C to +125°C
300
mV
ILKG
Open-drain output
leakage current
VPULLUP = (V+), TA = 25°C
100
pA
ISC
Short-circuit current
VS = 5 V, Sinking
60
100
mA
TL331LV, TL391LV, LM393LV, LM339LV
SNOSDA4C – JUNE 2020 – REVISED MARCH 2023
www.ti.com
10
Submit Document Feedback
Copyright © 2023 Texas Instruments Incorporated
Product Folder Links: TL331LV TL391LV LM393LV LM339LV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com