Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM339LVDR Datasheet(PDF) 26 Page - Texas Instruments

Part # LM339LVDR
Description  TL331LV, TL391LV, LM393LV and LM339LV Low Voltage Rail to Rail Input Comparators
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM339LVDR Datasheet(HTML) 26 Page - Texas Instruments

Back Button LM339LVDR Datasheet HTML 22Page - Texas Instruments LM339LVDR Datasheet HTML 23Page - Texas Instruments LM339LVDR Datasheet HTML 24Page - Texas Instruments LM339LVDR Datasheet HTML 25Page - Texas Instruments LM339LVDR Datasheet HTML 26Page - Texas Instruments LM339LVDR Datasheet HTML 27Page - Texas Instruments LM339LVDR Datasheet HTML 28Page - Texas Instruments LM339LVDR Datasheet HTML 29Page - Texas Instruments LM339LVDR Datasheet HTML 30Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 63 page
background image
8.2.1.1 Design Requirements
For this design, follow these design requirements:
• Alert (logic low output) when an input signal is less than 1.1 V
• Alert (logic low output) when an input signal is greater than 2.2 V
• Alert signal is active low
• Operate from a 3.3-V power supply
8.2.1.2 Detailed Design Procedure
Configure the circuit as shown in Figure 8-7. Connect VCC to a 3.3-V power supply and VEE to ground. Make R1,
R2 and R3 each 10-MΩ resistors. These three resistors are used to create the positive and negative thresholds
for the window comparator (VTH+ and VTH–).
With each resistor being equal, VTH+ is 2.2 V and VTH- is 1.1 V. Large resistor values such as 10-MΩ are used to
minimize power consumption. The resistor values may be recalculated to provide the desired trip point values.
The sensor output voltage is applied to the inverting and noninverting inputs of the two comparators. Using two
open-drain output comparators allows the two comparator outputs to be Wire-OR'ed together.
The respective comparator outputs will be low when the sensor is less than 1.1 V or greater than 2.2 V.
The respective comparator outputs will be high when the sensor is in the range of 1.1 V to 2.2 V (within the
"window"), as shown in Figure 8-8.
8.2.1.3 Application Curve
VTH+ = 2.2 V
VTH± = 1.1 V
VIN
OUT
Figure 8-8. Window Comparator Results
For more information, please see Application note SBOA221 "Window comparator circuit".
8.2.2 Square-Wave Oscillator
Square-wave oscillator can be used as low cost timing reference or system supervisory clock source.
C1
100 pF
+
±
R1
100 kŸ
VCC
R2
100 kŸ
OUT
VA
VC
t1
t2
0
V
+
R3
100 kŸ
R4
100 kŸ
Figure 8-9. Square-Wave Oscillator
TL331LV, TL391LV, LM393LV, LM339LV
SNOSDA4C – JUNE 2020 – REVISED MARCH 2023
www.ti.com
26
Submit Document Feedback
Copyright © 2023 Texas Instruments Incorporated
Product Folder Links: TL331LV TL391LV LM393LV LM339LV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com