Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM339LVDR Datasheet(PDF) 14 Page - Texas Instruments

Part # LM339LVDR
Description  TL331LV, TL391LV, LM393LV and LM339LV Low Voltage Rail to Rail Input Comparators
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM339LVDR Datasheet(HTML) 14 Page - Texas Instruments

Back Button LM339LVDR Datasheet HTML 10Page - Texas Instruments LM339LVDR Datasheet HTML 11Page - Texas Instruments LM339LVDR Datasheet HTML 12Page - Texas Instruments LM339LVDR Datasheet HTML 13Page - Texas Instruments LM339LVDR Datasheet HTML 14Page - Texas Instruments LM339LVDR Datasheet HTML 15Page - Texas Instruments LM339LVDR Datasheet HTML 16Page - Texas Instruments LM339LVDR Datasheet HTML 17Page - Texas Instruments LM339LVDR Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 63 page
background image
6.13 Typical Characteristics
TA = 25°C, VS = 5 V, RPULLUP = 2.5k, CL = 15 pF, VCM = GND, VUNDERDRIVE = 100 mV, VOVERDRIVE = 100 mV unless
otherwise noted.
Supply Voltage (V)
1.5
2
2.5
3
3.5
4
4.5
5
5.5
10
12
14
16
18
20
22
24
26
28
30
32
34
36
38
40
No Load, Output High
125°C
85°C
25°C
-40°C
Figure 6-1. Supply Current vs. Supply Voltage
Temperature (°C)
-40
-25
-10
5
20
35
50
65
80
95
110 125
20
22
24
26
28
30
32
34
36
5V
3.3V
1.8V
Figure 6-2. Supply Current vs. Temperature
Input Voltage (V)
-0.2
0
0.2
0.4
0.6
0.8
1
1.2
1.4
1.6
1.8
2
10
12
14
16
18
20
22
24
26
28
30
32
34
36
38
40
VS=1.8V
125°C
85°C
25°C
-40°C
Figure 6-3. Supply Current vs. Input Voltage, 1.8V
Input Voltage (V)
-0.2
0.2
0.6
1
1.4
1.8
2.2
2.6
3
3.4
10
12
14
16
18
20
22
24
26
28
30
32
34
36
38
40
VS=3.3V
125°C
85°C
25°C
-40°C
Figure 6-4. Supply Current vs. Input Voltage, 3.3V
Input Voltage (V)
-0.5
0
0.5
1
1.5
2
2.5
3
3.5
4
4.5
5
5.5
10
12
14
16
18
20
22
24
26
28
30
32
34
36
38
40
VS=5V
125°C
85°C
25°C
-40°C
Figure 6-5. Supply Current vs. Input Voltage, 5V
Temperature (°C)
-40
-25
-10
5
20
35
50
65
80
95
110 125
0.002
0.01
0.1
1
10
100
1000
VS = 5V
VIN = VS/2
Figure 6-6. Input Bias Current vs. Temperature
TL331LV, TL391LV, LM393LV, LM339LV
SNOSDA4C – JUNE 2020 – REVISED MARCH 2023
www.ti.com
14
Submit Document Feedback
Copyright © 2023 Texas Instruments Incorporated
Product Folder Links: TL331LV TL391LV LM393LV LM339LV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com