Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M25PE40VMP6TG Datasheet(PDF) 58 Page - STMicroelectronics

Part # M25PE40VMP6TG
Description  4 Mbit, low voltage, Page-Erasable Serial Flash memory with byte alterability, 50 MHz SPI bus, standard pinout
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M25PE40VMP6TG Datasheet(HTML) 58 Page - STMicroelectronics

Back Button M25PE40VMP6TG Datasheet HTML 52Page - STMicroelectronics M25PE40VMP6TG Datasheet HTML 53Page - STMicroelectronics M25PE40VMP6TG Datasheet HTML 54Page - STMicroelectronics M25PE40VMP6TG Datasheet HTML 55Page - STMicroelectronics M25PE40VMP6TG Datasheet HTML 56Page - STMicroelectronics M25PE40VMP6TG Datasheet HTML 57Page - STMicroelectronics M25PE40VMP6TG Datasheet HTML 58Page - STMicroelectronics M25PE40VMP6TG Datasheet HTML 59Page - STMicroelectronics M25PE40VMP6TG Datasheet HTML 60Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 58 / 60 page
background image
Revision history
M25PE40
58/60
14
Revision history
Table 27.
Document revision history
Date
Revision
Changes
01-Apr-2004
0.1
Document written
09-Nov-2004
1.0
Write Protect (W) pin replaced by Top Block Lock (TBL).
Section 2.5: Reset (Reset) description modified. JEDEC signature
modified. Reset timings tRLRH, tRHSL and tSHRH removed from
Table 19: AC characteristics (33 MHz operation) and inserted in
Table 21: Reset timings (tRHSL modified). Document status
promoted from Target Specification to Preliminary Data.
01-Dec-2004
2.0
Top Block Lock (TBL) renamed as Top Sector Lock (TSL). Small text
changes. Deep Power-Down mode clarified in Section 4.6: Active
Power, Standby Power and Deep Power-down modes.
11-Jan-2005
3.0
Notes removed from Table 26: Ordering information scheme.
Wording changes. SO16 package removed, SO8 Wide package
added.
4-Oct-2005
4.0
Added Table 19: AC characteristics (33 MHz operation). Document
status promoted from Preliminary Data to Datasheet. Table 18: AC
characteristics (25 MHz operation)updated. Section 4.2: An easy
way to modify data, Section 4.3: A fast way to modify data,
Section 6.9: Page Write (PW) and Section 6.10: Page Program (PP)
updated to explain optimal use of Page Write and Page Program
instructions. Clock slew rate changed from 0.03 to 0.1 V/ns.
Updated Table 26: Ordering information scheme. Added Ecopack®
information.
11-Aug 2006
5
Changed document to new template; amended figure in Feature
summary; replaced Figure 4: Bus master and memory devices on
the SPI bus; amended data in Table 18 and Table 19; amended title
of Figure 30: VFQFPN8 (MLP8) 8-lead Very thin Fine Pitch Quad
Flat Package No lead 6 × 5 mm, package outline and added a
footnote; amended name of the MP package in Table 26: Ordering
information scheme



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com