Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M25PE40VMP6TG Datasheet(PDF) 10 Page - STMicroelectronics

Part # M25PE40VMP6TG
Description  4 Mbit, low voltage, Page-Erasable Serial Flash memory with byte alterability, 50 MHz SPI bus, standard pinout
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M25PE40VMP6TG Datasheet(HTML) 10 Page - STMicroelectronics

Back Button M25PE40VMP6TG Datasheet HTML 6Page - STMicroelectronics M25PE40VMP6TG Datasheet HTML 7Page - STMicroelectronics M25PE40VMP6TG Datasheet HTML 8Page - STMicroelectronics M25PE40VMP6TG Datasheet HTML 9Page - STMicroelectronics M25PE40VMP6TG Datasheet HTML 10Page - STMicroelectronics M25PE40VMP6TG Datasheet HTML 11Page - STMicroelectronics M25PE40VMP6TG Datasheet HTML 12Page - STMicroelectronics M25PE40VMP6TG Datasheet HTML 13Page - STMicroelectronics M25PE40VMP6TG Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 60 page
background image
SPI modes
M25PE40
10/60
3
SPI modes
These devices can be driven by a microcontroller with its SPI peripheral running in either of
the two following modes:
●
CPOL=0, CPHA=0
●
CPOL=1, CPHA=1
For these two modes, input data is latched in on the rising edge of Serial Clock (C), and
output data is available from the falling edge of Serial Clock (C).
The difference between the two modes, as shown in Figure 5, is the clock polarity when the
bus master is in Stand-by mode and not transferring data:
●
C remains at 0 for (CPOL=0, CPHA=0)
●
C remains at 1 for (CPOL=1, CPHA=1)
Figure 4.
Bus master and memory devices on the SPI bus
1.
The Write Protect or Top Sector Lock (W or TSL) signal should be driven, High or Low as appropriate.
Figure 4 shows an example of three devices connected to an MCU, on an SPI bus. Only one
device is selected at a time, so only one device drives the Serial Data Output (Q) line at a
time, the other devices are high impedance. Resistors R (represented in Figure 4) ensure
that the is not selected if the Bus Master leaves the S line in the high impedance state. As
the Bus Master may enter a state where all inputs/outputs are in high impedance at the
same time (for example, when the Bus Master is reset), the clock line (C) must be connected
to an external pull-down resistor so that, when all inputs/outputs become high impedance,
the S line is pulled High while the C line is pulled Low (thus ensuring that S and C do not
become High at the same time, and so, that the tSHCH requirement is met). The typical value
of R is 100 k
Ω, assuming that the time constant R*C
p (Cp = parasitic capacitance of the bus
line) is shorter than the time during which the Bus Master leaves the SPI bus in high
impedance.
AI13558
SPI Bus Master
SPI Memory
Device
SDO
SDI
SCK
CQD
S
SPI Memory
Device
CQD
S
SPI Memory
Device
CQD
S
CS3
CS2 CS1
SPI Interface with
(CPOL, CPHA) =
(0, 0) or (1, 1)
W
or
TSL
HOLD
W
or
TSL
HOLD
W
or
TSL
HOLD
RR
R
VCC
VCC
VCC
VCC
VSS
VSS
VSS
VSS
R



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com