Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M25PE40VMP6TG Datasheet(PDF) 16 Page - STMicroelectronics

Part # M25PE40VMP6TG
Description  4 Mbit, low voltage, Page-Erasable Serial Flash memory with byte alterability, 50 MHz SPI bus, standard pinout
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M25PE40VMP6TG Datasheet(HTML) 16 Page - STMicroelectronics

Back Button M25PE40VMP6TG Datasheet HTML 12Page - STMicroelectronics M25PE40VMP6TG Datasheet HTML 13Page - STMicroelectronics M25PE40VMP6TG Datasheet HTML 14Page - STMicroelectronics M25PE40VMP6TG Datasheet HTML 15Page - STMicroelectronics M25PE40VMP6TG Datasheet HTML 16Page - STMicroelectronics M25PE40VMP6TG Datasheet HTML 17Page - STMicroelectronics M25PE40VMP6TG Datasheet HTML 18Page - STMicroelectronics M25PE40VMP6TG Datasheet HTML 19Page - STMicroelectronics M25PE40VMP6TG Datasheet HTML 20Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 60 page
background image
Operating features
M25PE40
16/60
●
The second Software Protected mode (SPM2) uses the Block Protect (BP2, BP1,
BP0, see Section 6.4.3)) bits to allow part of the memory to be configured as read-only.
Table 2.
Software protection truth table (Sectors 0 to 7, 64-Kbyte granularity)
Sector Lock Register
Protection status
Lock
Down bit
Write
Lock bit
00
Sector unprotected from Program/Erase/Write operations, Protection status
reversible
01
Sector protected from Program/Erase/Write operations, Protection status
reversible
10
Sector Unprotected from Program/Erase/Write operations,
Sector Protection Status cannot be changed except by a Reset or Power-up.
11
Sector Protected from Program/Erase/Write operations,
Sector Protection Status cannot be changed except by a Reset or Power-up.
Table 3.
Protected area sizes
Status Register
content
Memory content
BP2
Bit
BP1
Bit
BP0
Bit
Protected area
Unprotected area
0
0
0
none
All sectors(1) (eight sectors: 0 to 7)
1.
The device is ready to accept a Bulk Erase instruction if, and only if, all Block Protect (BP2, BP1, BP0) are
0.
0
0
1
Upper eighth (Sector 7)
Lower seven-eighths (seven sectors: 0 to
6)
0
1
0
Upper quarter (two sectors: 6 and 7) Lower three-quarters (six sectors: 0 to 5)
0
1
1
Upper half (four sectors: 4 to 7)
Lower half (four sectors: 0 to 3)
1
0
0
All sectors (eight sectors: 0 to 7)
none
1
0
1
All sectors (eight sectors: 0 to 7)
none
1
1
0
All sectors (eight sectors: 0 to 7)
none
1
1
1
All sectors (eight sectors: 0 to 7)
none



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com