Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M25PE40VMP6TG Datasheet(PDF) 24 Page - STMicroelectronics

Part # M25PE40VMP6TG
Description  4 Mbit, low voltage, Page-Erasable Serial Flash memory with byte alterability, 50 MHz SPI bus, standard pinout
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M25PE40VMP6TG Datasheet(HTML) 24 Page - STMicroelectronics

Back Button M25PE40VMP6TG Datasheet HTML 20Page - STMicroelectronics M25PE40VMP6TG Datasheet HTML 21Page - STMicroelectronics M25PE40VMP6TG Datasheet HTML 22Page - STMicroelectronics M25PE40VMP6TG Datasheet HTML 23Page - STMicroelectronics M25PE40VMP6TG Datasheet HTML 24Page - STMicroelectronics M25PE40VMP6TG Datasheet HTML 25Page - STMicroelectronics M25PE40VMP6TG Datasheet HTML 26Page - STMicroelectronics M25PE40VMP6TG Datasheet HTML 27Page - STMicroelectronics M25PE40VMP6TG Datasheet HTML 28Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 60 page
background image
Instructions
M25PE40
24/60
6.4
Read Status Register (RDSR)
The Read Status Register (RDSR) instruction allows the Status Register to be read. The
Status Register may be read at any time, even while a Program, Erase or Write cycle is in
progress. When one of these cycles is in progress, it is recommended to check the Write In
Progress (WIP) bit before sending a new instruction to the device. It is also possible to read
the Status Register continuously, as shown in Figure 10.
The status bits of the Status Register are as follows:
6.4.1
WIP bit
The Write In Progress (WIP) bit indicates whether the memory is busy with a Write, Program
or Erase cycle. When set to 1, such a cycle is in progress, when reset to 0 no such cycle is
in progress.
6.4.2
WEL bit
The Write Enable Latch (WEL) bit indicates the status of the internal Write Enable Latch.
When set to 1 the internal Write Enable Latch is set, when set to 0 the internal Write Enable
Latch is reset and no Write, Program or Erase instruction is accepted.
6.4.3
BP2, BP1, BP0 bits
The Block Protect (BP2, BP1, BP0) bits are non-volatile. They define the size of the area to
be software protected against Program and Erase instructions. These bits are written with
the Write Status Register (WRSR) instruction. When one or more of the Block Protect (BP2,
BP1, BP0) bits is set to 1, the relevant memory area (as defined in Table 3) becomes
protected against Page Program (PP), Page Erase (PE), Sector Erase (SE) and SubSector
Erase (SSE) instructions. The Block Protect (BP2, BP1, BP0) bits can be written provided
that the Hardware Protected mode has not been set. The Bulk Erase (BE) instruction is
executed if, and only if:
●
all Block Protect (BP2, BP1, BP0) bits are 0
●
the Lock Register protection bits are not all set (‘1’)
6.4.4
SRWD bit
The Status Register Write Disable (SRWD) bit is operated in conjunction with the Write
Protect (W) signal. When the Status Register Write Disable (SRWD) bit is set to 1, and Write
Protect (W) is driven Low, the non-volatile bits of the Status Register (SRWD, BP2, BP1,
BP0) become read-only bits. In such a state, as the Write Status Register (WRSR)
instruction is no longer accepted for execution, the definition of the size of the Write
Protected area cannot be further modified.
Table 7.
Status Register format(1) (2) (3)
1.
WEL (Write Enable Latch) and WIP ((Write In Program) are volatile read-only bits (WEL is set and reset by
specific instructions; WIP is automatically set and reset by the internal logic of the device).
2.
SRWD = Status Register Write Protect bit; BP0, BP1, BP2 = Block Protect Bits.
3.
The BP bits and the SRWD bit exist only in the T9HX process.
b7
b0
SRWD
0
0
BP2
BP1
BP0
WEL
WIP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com