Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M25PE40VMP6TG Datasheet(PDF) 35 Page - STMicroelectronics

Part # M25PE40VMP6TG
Description  4 Mbit, low voltage, Page-Erasable Serial Flash memory with byte alterability, 50 MHz SPI bus, standard pinout
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M25PE40VMP6TG Datasheet(HTML) 35 Page - STMicroelectronics

Back Button M25PE40VMP6TG Datasheet HTML 31Page - STMicroelectronics M25PE40VMP6TG Datasheet HTML 32Page - STMicroelectronics M25PE40VMP6TG Datasheet HTML 33Page - STMicroelectronics M25PE40VMP6TG Datasheet HTML 34Page - STMicroelectronics M25PE40VMP6TG Datasheet HTML 35Page - STMicroelectronics M25PE40VMP6TG Datasheet HTML 36Page - STMicroelectronics M25PE40VMP6TG Datasheet HTML 37Page - STMicroelectronics M25PE40VMP6TG Datasheet HTML 38Page - STMicroelectronics M25PE40VMP6TG Datasheet HTML 39Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 60 page
background image
M25PE40
Instructions
35/60
6.11
Write to Lock Register (WRLR)
Note:
The Write to Lock Register (WRLR) instruction is decoded only in the in the T9HX process
(see Important note on page 6).
The Write to Lock Register (WRLR) instruction allows bits to be changed in the Lock
Registers. Before it can be accepted, a Write Enable (WREN) instruction must previously
have been executed. After the Write Enable (WREN) instruction has been decoded, the
device sets the Write Enable Latch (WEL).
The Write to Lock Register (WRLR) instruction is entered by driving Chip Select (S) Low,
followed by the instruction code, three address bytes (pointing to any address in the targeted
sector and one data byte on Serial Data Input (D). The instruction sequence is shown in
Figure 17. Chip Select (S) must be driven High after the eighth bit of the data byte has been
latched in, otherwise the Write to Lock Register (WRLR) instruction is not executed.
Lock Register bits are volatile, and therefore do not require time to be written. When the
Write to Lock Register (WRLR) instruction has been successfully executed, the Write
Enable Latch (WEL) bit is reset after a delay time less than tSHSL minimum value.
Any Write to Lock Register (WRLR) instruction, while an Erase, Program or Write cycle is in
progress, is rejected without having any effects on the cycle that is in progress.
Figure 17.
Write to Lock Register (WRLR) instruction sequence
Table 10.
Lock Register In(1)
1.
The table rows in gray are true for products processed in the T7X process only (see Important note on
page 6).
Sector
Bit
Value
All sectors
b7-b2
‘0’
b1
Sector Lock Down Bit Value
b0
Sector Write Lock Bit Value
AI10784b
C
D
S
23
2
1
3456789 10
28 29 30 31 32 33 34 35
22 21
3210
36 37 38
Instruction
24-Bit Address
0
765432
0
1
Lock Register
Value
39
MSB
MSB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com