Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EB201 Datasheet(PDF) 5 Page - ON Semiconductor

Part # EB201
Description  High Cell Density MOSFETs Low On-Resistance Affords New Design Options
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

EB201 Datasheet(HTML) 5 Page - ON Semiconductor

  EB201 Datasheet HTML 1Page - ON Semiconductor EB201 Datasheet HTML 2Page - ON Semiconductor EB201 Datasheet HTML 3Page - ON Semiconductor EB201 Datasheet HTML 4Page - ON Semiconductor EB201 Datasheet HTML 5Page - ON Semiconductor EB201 Datasheet HTML 6Page - ON Semiconductor EB201 Datasheet HTML 7Page - ON Semiconductor EB201 Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
EB201/D
http://onsemi.com
5
ringing in the parasitic components. Therefore, when
comparing diodes, the ratio of tb/ta serves as a good indicator
of recovery abruptness and thus gives a comparative
estimate of probable noise. So, although the diode recovery
time is only a fraction of the total commutation time, the
noise
generated
by
the
diode’s
abruptness
limits
commutation speeds and determines system switching
losses.
Compared to the diodes of standard cell density
MOSFETs,
ON
Semiconductor’s
high
cell
density
MOSFET diodes are faster (shorter trr), have less stored
charge, and have a softer reverse recovery (Figure 5).
Figure 6 shows that some high cell density devices are just
as noisy as their predecessors. The softness advantage of
HDTMOS diodes means they can be forced through reverse
recovery at a higher di/dt than that of a standard cell
MOSFET diode without increasing the current ringing or
generating more noise. Generalizing about how much faster
the new diodes can be commutated is difficult since the tb
time is in part a function of circuit layout. However, a
maximum reduction of about 50% seems feasible.
One precaution required when using the body diode of a
high cell density device is that its forward voltage, vf, is
approximately 1 V at elevated current, which is typical of a
p–n junction. Compared to the MOSFET’s Vds(on), vf is
likely to be high. So if the diode’s duty cycle is high, the
on–state losses of the diode must be considered. The diode’s
high forward voltage can be decreased by turning on the
MOSFET when its diode is to conduct. With the gate on,
current flows through the channel (source–to–drain), and
the voltage drop is equal to that of the MOSFET in its
conventional direction.
Switching Speed and Ruggedness
Except for on–resistance and body diode performance,
high cell density devices are very similar to existing
MOSFET
technology.
For
example,
the
output
characteristics and gate charge curves of high cell density
devices have the same general characteristics as those of
standard devices. For a given die size, HDTMOS devices
require more gate charge than their standard counterparts.
However, for a given on–resistance, HDTMOS devices
have lower gate charge and they switch faster. Standard and
high cell density gate charge waveforms, those of
the
MTP50N05E (28 m
Ω, 163 mils by 200 mils) and the
MTP75N05HD (9.5 m
Ω, 170 mils by 220 mils), are shown
in Figure 7.
Figures 8 and 9 show the switching behavior of the
MTP50N05E and the MTP75N05HD. The HDTMOS
device is slower due to its higher per unit area input
capacitance and larger die area. Had the comparison been
based on the same on–resistance, it would have favored the
HDTMOS device.
Figure 6. Diode Reverse Recovery Compared to
Competition
0
RFG70N06
MTP75N05HD
IDIODE
di/dt = 100 A/microsecond, lfm = 25 A
20 ns/DIV
Figure 7. Gate Charge Comparison Between
Standard TMOS and HDTMOS
MTP50N05E
MTP75N05HD
VGS
0
Gate Charge (10 nC/DIV)
Today’s reliability requirements mandate that all new
high current MOSFETs be rugged with respect to
overvoltage transients that might appear across the
drain–source of the MOSFET. They must be able to handle
avalanche currents of at least their continuous current rating.
HDTMOS devices are no exception to this rule. The
ruggedness of both standard and HDTMOS are limited by
maximum junction temperature, so for a given die area, they
have roughly the same unclamped inductive switching
capability.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com