Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EB201 Datasheet(PDF) 1 Page - ON Semiconductor

Part # EB201
Description  High Cell Density MOSFETs Low On-Resistance Affords New Design Options
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

EB201 Datasheet(HTML) 1 Page - ON Semiconductor

  EB201 Datasheet HTML 1Page - ON Semiconductor EB201 Datasheet HTML 2Page - ON Semiconductor EB201 Datasheet HTML 3Page - ON Semiconductor EB201 Datasheet HTML 4Page - ON Semiconductor EB201 Datasheet HTML 5Page - ON Semiconductor EB201 Datasheet HTML 6Page - ON Semiconductor EB201 Datasheet HTML 7Page - ON Semiconductor EB201 Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
© Semiconductor Components Industries, LLC, 2002
February, 2002 – Rev. 1
1
Publication Order Number:
EB201/D
EB201/D
High Cell Density MOSFETs
Low On–Resistance Affords
New Design Options
Prepared by: Kim Gauen and Wayne Chavez
ON Semiconductor
Just a few years ago an affordable 60 V, 10 m
Ω power
transistor was a dream. After all, 10 m
Ω is the resistance of
about 20 cm of #22 gauge wire. Today a sub–10 m
Ω power
MOSFET is not only available, it is housed in a standard
TO–220. Such are the advances that have occurred lately in
“high
cell
density”
power
MOSFET
technology.
Furthermore, Motorola’s high cell density technology,
HDTMOS
®, brings other advantages such as greatly
improved body diode performance. The technological
advances are sufficiently great that they are fundamentally
changing low voltage power transistor technology.
Cutting the MOSFET’s On–Resistance
A cross section of the power MOSFET is shown in
Figure 1. The major contributors to the standard MOSFET’s
on–resistance
are
its
spreading,
channel,
JFET,
accumulation region, and substrate resistances. To achieve
ultra–low RDS(on), device designers must decrease the
resistance of all these components. Most of the resistive
elements can be reduced by shrinking cell size and adding
more cells per square centimeter of silicon. However, there
is a limit to maximum packing density. As cell density
becomes very high, on–resistance actually increases due to
a higher JFET resistance. With today’s processes and cell
geometries, the optimum cell density is about five times that
of standard power MOSFETs. Devices built with ON
Semiconductor’s high cell density process (HDTMOS)
employ about 6 M cells/in2, up from the 1.2 M cells/in2 used
in standard power MOSFETs. Figure 2 illustrates the
marked difference in cell density.
R (CH)
GATE
SOURCE
P –
R (JFET)
R(N+)
R (METAL)
R (CONTACT)
R (PACKAGE)
Nepi
R (ACCUM)
R (SPREAD)
R (BULK)
R (SUBSTRATE)
N + SUBSTRATE
DRAIN
P +
SOURCE
P +
Figure 1. HDTMOS Cross Section
http://onsemi.com
ENGINEERING BULLETIN


Similar Part No. - EB201

ManufacturerPart #DatasheetDescription
logo
Nihon Kaiheiki Industry...
EB2011-A-J20 NKK-EB2011-A-J20 Datasheet
327Kb / 9P
Light Touch Miniature Pushbuttons
EB2011-A-J30 NKK-EB2011-A-J30 Datasheet
327Kb / 9P
Light Touch Miniature Pushbuttons
EB2011-A-J40 NKK-EB2011-A-J40 Datasheet
327Kb / 9P
Light Touch Miniature Pushbuttons
logo
List of Unclassifed Man...
EB2011-A-J40 ETC2-EB2011-A-J40 Datasheet
222Kb / 8P
Light Touch Miniature Pushbuttons
logo
Nihon Kaiheiki Industry...
EB2011-A-J50 NKK-EB2011-A-J50 Datasheet
327Kb / 9P
Light Touch Miniature Pushbuttons
More results

Similar Description - EB201

ManufacturerPart #DatasheetDescription
logo
Advanced Monolithic Sys...
AMS2304 AMS-AMS2304 Datasheet
683Kb / 6P
Super high density cell design for extremely low RDS(ON)
AMS2305 AMS-AMS2305 Datasheet
318Kb / 6P
Super high density cell design for extremely low RDS(ON)
AMS3401M23RG AMS-AMS3401M23RG Datasheet
306Kb / 6P
Super high density cell design for Extremely low RDS(ON)
AMS3402 AMS-AMS3402 Datasheet
736Kb / 6P
Super high density cell design for extremely low RDS(ON)
AMS3406 AMS-AMS3406 Datasheet
449Kb / 6P
Super high density cell design for extremely low RDS(ON)
AMS3407S23RG AMS-AMS3407S23RG Datasheet
295Kb / 6P
Super high density cell design for extremely low RDS(ON)
logo
SUNMATE electronic Co.,...
ME2302A29T SUNMATE-ME2302A29T Datasheet
472Kb / 4P
High-density cell design for ultra low on-resistance
logo
First Silicon Co., Ltd
FTK4559 FS-FTK4559 Datasheet
682Kb / 5P
Super High Density Cell Design for Extremely Low RDS(ON)
FTK7000 FS-FTK7000 Datasheet
154Kb / 2P
High density cell design for low RDS(ON)
FTK7002T FS-FTK7002T Datasheet
680Kb / 5P
High density cell design for low RDS(ON)
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com