Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EB201 Datasheet(PDF) 2 Page - ON Semiconductor

Part # EB201
Description  High Cell Density MOSFETs Low On-Resistance Affords New Design Options
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

EB201 Datasheet(HTML) 2 Page - ON Semiconductor

  EB201 Datasheet HTML 1Page - ON Semiconductor EB201 Datasheet HTML 2Page - ON Semiconductor EB201 Datasheet HTML 3Page - ON Semiconductor EB201 Datasheet HTML 4Page - ON Semiconductor EB201 Datasheet HTML 5Page - ON Semiconductor EB201 Datasheet HTML 6Page - ON Semiconductor EB201 Datasheet HTML 7Page - ON Semiconductor EB201 Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
EB201/D
http://onsemi.com
2
Figure 2. HDTMOS versus Standard TMOS
E Cell Densities
HDTMOS
CELL
DENSITY
STANDARD
TMOS
CELL
DENSITY
Also a key factor in lowering on–resistance is the use of
low resistivity substrates. The substrate of the power
MOSFET can be thought of as the mechanical base onto
which the transistors are built. Although it comprises almost
all of the wafer thickness, its only purpose is to strengthen
the wafer for its trip through wafer processing, dicing, and
final assembly. The resistance added by the substrate is
entirely undesirable, and low resistivity substrates are a must
for ultra–low on–resistance MOSFETs. Figure 3 compares
the major on–resistance components of HDTMOS to those
of standard cell MOSFETs.
The on–resistance area product is a good figure of merit
for the power MOSFET, and lower is better for this
parameter. The original 28 m
Ω, 60 V MOSFET had an
on–resistance area product of about 7.0 m
Ω–cm2 (based on
the maximum on–resistance rating at 25
°C). Die size
reductions over the last several years have shaved the
product to about 5.5 m
Ω–cm2. The newest device, the
MTP75N05HD, is more than a refinement of typical power
MOSFET technology. Its 2.4 m
Ω–cm2
product was
attained by completely redesigning the device and
developing an entirely new manufacturing process.
Figure 3. On–Resistance Components
SPREAD
SUB
JFET
WIRE
CHAN
METAL
ACCUM
0
1
2
3
4
5
HDTMOS
STD TMOS



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com