Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EB201 Datasheet(PDF) 3 Page - ON Semiconductor

Part # EB201
Description  High Cell Density MOSFETs Low On-Resistance Affords New Design Options
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

EB201 Datasheet(HTML) 3 Page - ON Semiconductor

  EB201 Datasheet HTML 1Page - ON Semiconductor EB201 Datasheet HTML 2Page - ON Semiconductor EB201 Datasheet HTML 3Page - ON Semiconductor EB201 Datasheet HTML 4Page - ON Semiconductor EB201 Datasheet HTML 5Page - ON Semiconductor EB201 Datasheet HTML 6Page - ON Semiconductor EB201 Datasheet HTML 7Page - ON Semiconductor EB201 Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
EB201/D
http://onsemi.com
3
HIGH CELL
DENSITY
MOSFETs
TO–247
TO–220
or
D2PAK
DPAK
SO–08
DPAK
TO–220
or
D2PAK
TO–247
STANDARD
POWER
MOSFETs
600
5
ON–RESISTANCE
(MILLIOHMS)
50
100
10
Figure 4. Packaging Options Given RDS(on)
A note of caution regarding the use of on–resistance area
products is worthwhile. Lateral DMOS devices have been
shown to have a low on–resistance area product based on
active area, that is, actual MOSFET cell area excluding gate
feeds, bond pads, wirebonds, etc. However, because lateral
DMOS processes have no thick metal capability and
because both the drain and the source contacts must be
routed on the surface of the chip, LDMOS structures pay a
high penalty for bussing current on and off the chip. Based
on total device on–resistance, present LDMOS devices have
about three times the on–resistance–area product of the
newest vertical devices such as the MTP75N05HD.
Manufacturing High Cell Density MOSFETs
Producing power MOSFETs with greater than 2 million cells
per square inch requires an alternative manufacturing method.
A process used for VLSI devices is employed to reduce cell
size and create higher cell densities. The high resolution of this
process is achieved by utilizing positive photoresist and 5X
step–and–repeat projection aligners. In this process the mask
is made 5 times larger to gain line width resolution. Then, when
the image is projected onto the wafer, it is demagnified 5 times,
leaving a crisp and highly resolvable image. The mask is then
stepped along the wafer, and the process is repeated. Together
with VLSI design rules and shallow junction depths, this
self–aligned process is capable of producing cell densities
greater than 5.5 million cells per square inch.
Using the On–Resistance Advantage of HDTMOS
There are several ways to utilize high cell density
technology, but the most attractive is to extend the current
capability of a given power transistor package. For example,
as a TO–220 goes from a 28 m
Ω to a 14 mΩ or 10 mΩ
device, designers can use the lower on–resistance to reduce
junction temperature and improve system efficiency, or to
increase the current capacity of the system. Figure 4 shows
how the on–resistance range of popular packages changes
with the introduction of HDTMOS.
The on–resistance reductions and specifications suggests
one clear use of the technology: applications may be able to
move from larger to smaller packages, which cuts the cost
of the package and decreases the required heatsink or circuit
board area. A good example of this is the 14 m
Ω TO–247.
Until very recently, the only way to achieve such low
on–resistance was to build a large die (on the order of 256 by
256 mils) and place it in the TO–247, which is quite a large
and expensive package. Using HDTMOS, a 14 or even
10 m
Ω die can fit into a TO–220. The smaller, more popular
TO–220 package brings a strong cost advantage.
Similarly, designers may be able to remove a device from
a heatsink and use a free standing device or one that can be
surface mounted instead. An example of this is replacing a
TO–220 with a DPAK (TO–252), or more likely, with a
D2PAK, which are both popular surface mount packages. As
the on–resistance of the DPAK falls from around 120 to
about 40 m
Ω and the D2PAK’s RDS(on) collapses to 10 mΩ,
some engineers will no doubt prefer the smaller, more easily
mountable packages. The development of HDTMOS is
timely since it coincides with the steady improvements in
surface mount substrates (such as metal core boards) which
allow much higher power dissipation. Taken together, the
mechanical and electrical advances can significantly boost
current handling capability of a surface mount module.
Estimates of the current capability of several packages are
shown in Table 1. Calculations are based on the largest die
that a package will house, and the on–resistance of some of
the
SO–8s
and
the
DPAKs
are
projected.
On–resistance–area products of the smallest die sizes are
slightly larger than those of large die sizes due to a
disproportionate penalty for edge terminations, wirebond
pads, and routing of gate feeds. The analysis is based on a
maximum junction temperature appropriate for the
mounting substrate, i.e., devices on heat sinks were allowed
to reach a junction temperature of 150 or 175
°C, whereas
surface mount devices were limited to 125
°C. Junction to
ambient thermal resistance which was used is typical of the
particular mounting method. The first column of figures
shows the maximum rated on–resistance at 25
°C. The
second column shows an estimate of the maximum
allowable current at a junction temperature of either 175 or
125
°C, depending on the mounting method. The
calculations show that HDTMOS gives about a 50%
increase in maximum allowable current.
Another way to compare standard MOSFET technology
and HDTMOS is to note the junction temperature of each
device at a given load current and ambient temperature.
Column 2 of Table 1 shows that HDTMOS will run about 30
to 60
°C cooler than a standard power MOSFET of
equivalent die area. Load current is assumed to be the
amount of current needed to push the HDTMOS device to
125 or 150
°C, depending on mounting method.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com