Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EB201 Datasheet(PDF) 7 Page - ON Semiconductor

Part # EB201
Description  High Cell Density MOSFETs Low On-Resistance Affords New Design Options
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

EB201 Datasheet(HTML) 7 Page - ON Semiconductor

  EB201 Datasheet HTML 1Page - ON Semiconductor EB201 Datasheet HTML 2Page - ON Semiconductor EB201 Datasheet HTML 3Page - ON Semiconductor EB201 Datasheet HTML 4Page - ON Semiconductor EB201 Datasheet HTML 5Page - ON Semiconductor EB201 Datasheet HTML 6Page - ON Semiconductor EB201 Datasheet HTML 7Page - ON Semiconductor EB201 Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
EB201/D
http://onsemi.com
7
Table 2. Relative Size of On–Resistance Components
On–Resistance
Component
1000 V
Standard MOSFET
250 V
Standard MOSFET
50 V
Standard MOSFET
50 V, High Cell Density
MOSFET
Channel
0.4%
5.1%
40.5%
20.3%
Accumulation
0.1%
1.6%
12.6%
5.5%
JFET
8.3%
19.1%
12.7%
16.3%
EPI
91.1%
72.5%
20.1%
34.2%
Substrate
0.1%
1.7%
14.1%
23.7%
SMARTDISCRETES
E Features on HDTMOS Devices
The
HDTMOS
process
is
compatible
with
ON
Semiconductor’s
SMARTDISCRETES
process.
The
features available in the SMARTDISCRETES process
include SENSEFET
™s, gate–source Zener protection,
gate–drain
Zener
clamps
for
self
clamping
of
drain–to–source transients, and over current limits. Also,
there is the potential for fault flags and overtemperature
shutdown. Of these features gate–source protection Zeners
are the most likely option to be used in HDTMOS. Adding
the Zeners has little impact on die size and processing
complexity. Series gate resistors can be added to enhance the
gate’s ESD capability and to limit the maximum switching
speeds so that RFI and EMI are bounded.
The wisdom of adding other SMARTDISCRETES
features is questionable. SENSEFETs are not likely since it
is difficult to generate measurable and accurate sense
voltages with a very low on–resistance device. Adding an
overcurrent limit is unlikely since the feature requires a
resistor placed in series with the source, which runs contrary
to all the reasons for selecting high cell density in the first
place. Overtemperature shutdown and self clamping of
voltage transients at the drain are envisioned as features for
specialized devices and not for the entire product line.
Voltage Ratings
High cell density MOSFETs are limited in the range of
voltages that they serve. There are few high current
applications requiring voltages below 12 V, so that defines
one end of the HDTMOS voltage spectrum. Presently, the
other end of the voltage range is at best 100 V and possibly
only 60 V. As the MOSFET’s breakdown voltage increases,
more of the on–resistance appears in the epitaxial region,
whose resistivity and thickness increase with voltage (Table
2). Consequently, improving the on–resistance of the cells
on the surface of the chip has a diminishing effect as voltage
increases. Sixty volt devices will serve the automotive and
industrial markets, while 30 V devices will be used in the
computer and portable tools industries.
P–Channels
P–channel devices benefit from high cell densities, too.
The performance of P–channel MOSFETs have always
trailed that of their N–channel counterparts since they
inherently have about three times the on–resistance. But
cutting on–resistance area product by a factor of two
broadens the range of applications serviceable by
P–channels too. Of special interest are 20 V devices in the
SO–8 package, where a single logic level P–channel has an
on–resistance rating of 70 m
Ω, and a dual would be rated at
140 m
Ω each. Current plans are to introduce a 30 V
P–channel in the DPAK, which would have an on–resistance
rating in the range of 100 m
Ω. The new P–channels hold
great promise for use in laptop computers and in computer
peripherals. Their gate drives are especially efficient since
they do not require the charge pump that the N–channel
devices need.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com