Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS2841B Datasheet(PDF) 5 Page - ON Semiconductor

Part # CS2841B
Description  Automotive Current Mode PWM Control Circuit
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CS2841B Datasheet(HTML) 5 Page - ON Semiconductor

  CS2841B Datasheet HTML 1Page - ON Semiconductor CS2841B Datasheet HTML 2Page - ON Semiconductor CS2841B Datasheet HTML 3Page - ON Semiconductor CS2841B Datasheet HTML 4Page - ON Semiconductor CS2841B Datasheet HTML 5Page - ON Semiconductor CS2841B Datasheet HTML 6Page - ON Semiconductor CS2841B Datasheet HTML 7Page - ON Semiconductor CS2841B Datasheet HTML 8Page - ON Semiconductor CS2841B Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
CS2841B
http://onsemi.com
5
TYPICAL PERFORMANCE CHARACTERISTICS
Figure 2. Oscillator Frequency vs. CT
Figure 3. Oscillator Duty Cycle vs. RT
900
800
700
600
500
.0005
.001
.002
.04 .05
CT (mF)
400
300
200
100
.03
.02
.01
.003 .005
RT = 680 W
RT = 1.5 kW
RT = 10 kW
100
90
80
70
50
RT (W)
40
30
20
10
60
Figure 4. Test Circuit
VREF
VCC
VOUT
GND
COMP
VFB
Sense
OSC
CS2841B
RT
4.7 k
W
4.7 k
W
1.0 k
W
Error Amp
Adjust
2N2222
100 k
W
5.0 k
W
Sense
Adjust
CT
0.1
mF
0.1
mF
1.0 k
W
1.0 W
A
VREF
VCC
VOUT
GND



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com