Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS2841B Datasheet(PDF) 2 Page - ON Semiconductor

Part # CS2841B
Description  Automotive Current Mode PWM Control Circuit
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CS2841B Datasheet(HTML) 2 Page - ON Semiconductor

  CS2841B Datasheet HTML 1Page - ON Semiconductor CS2841B Datasheet HTML 2Page - ON Semiconductor CS2841B Datasheet HTML 3Page - ON Semiconductor CS2841B Datasheet HTML 4Page - ON Semiconductor CS2841B Datasheet HTML 5Page - ON Semiconductor CS2841B Datasheet HTML 6Page - ON Semiconductor CS2841B Datasheet HTML 7Page - ON Semiconductor CS2841B Datasheet HTML 8Page - ON Semiconductor CS2841B Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
CS2841B
http://onsemi.com
2
Figure 1. Block Diagram
+
−
Oscillator
Set/
Reset
Undervoltage
Lockout Circuit
8.0 V/7.4 V
2.5 V
5.0 V
Reference
Internal
Bias
Output
Enable
Error
Amplifier
VC
2 R
R
1.0 V
S
R
Current
Sensing
Comparator
PWM
Latch
NOR
VCC
GND
OSC
VFB
COMP
Sense
VCC Pwr
VREF
VOUT
Pwr GND
MAXIMUM RATINGS
Rating
Value
Unit
Supply Voltage (Low Impedance Source)
40
V
Output Current
±1.0
A
Output Energy (Capacitive Load)
5.0
mJ
Analog Inputs (VFB, Sense)
−0.3 to 5.5
V
Error Amp Output Sink Current
10
mA
Lead Temperature Soldering
Wave Solder (through hole styles only) Note 1
Reflow (SMD styles only) Note 2
260 peak
230 peak
°C
°C
Maximum ratings are those values beyond which device damage can occur. Maximum ratings applied to the device are individual stress limit
values (not normal operating conditions) and are not valid simultaneously. If these limits are exceeded, device functional operation is not implied,
damage may occur and reliability may be affected.
1. 10 seconds max
2. 60 seconds max above 183
°C
ORDERING INFORMATION
Device
Package
Shipping†
CS2841BEBN8
PDIP−8
50 Units / Rail
CS2841BEBN8G
PDIP−8
(Pb−Free)
50 Units / Rail
CS2841BED14
SOIC−14
55 Units / Rail
CS2841BED14G
SOIC−14
(Pb−Free)
55 Units / Rail
CS2841BEDR14
SOIC−14
2500 / Tape & Reel
CS2841BEDR14G
SOIC−14
(Pb−Free)
2500 / Tape & Reel
†For information on tape and reel specifications, including part orientation and tape sizes, please refer to our Tape and Reel Packaging
Specifications Brochure, BRD8011/D.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com