Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS2841B Datasheet(PDF) 4 Page - ON Semiconductor

Part # CS2841B
Description  Automotive Current Mode PWM Control Circuit
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CS2841B Datasheet(HTML) 4 Page - ON Semiconductor

  CS2841B Datasheet HTML 1Page - ON Semiconductor CS2841B Datasheet HTML 2Page - ON Semiconductor CS2841B Datasheet HTML 3Page - ON Semiconductor CS2841B Datasheet HTML 4Page - ON Semiconductor CS2841B Datasheet HTML 5Page - ON Semiconductor CS2841B Datasheet HTML 6Page - ON Semiconductor CS2841B Datasheet HTML 7Page - ON Semiconductor CS2841B Datasheet HTML 8Page - ON Semiconductor CS2841B Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
CS2841B
http://onsemi.com
4
ELECTRICAL CHARACTERISTICS (−40
°C ≤ TA ≤ 85°C, RT = 680 kW, CT = 0.022 mF for Triangular Mode, VCC = 15 V (Note 3),
RT = 10 kW, CT = 3.3 nF for Sawtooth Mode (see Figure 7); unless otherwise specified.)
Characteristic
Unit
Max
Typ
Min
Test Conditions
Output Section
Output Low Level
ISINK = 20 mA
ISINK = 200 mA
−
−
0.1
1.5
0.4
2.2
V
V
Output High Level
ISOURCE = 20 mA
ISOURCE = 200 mA
13
12
13.5
13.5
−
−
V
V
Rise Time
TJ = 25°C, CL = 1.0 nF. Note 7
−
50
150
ns
Fall Time
TJ = 25°C, CL = 1.0 nF. Note 7
−
50
150
ns
Output Leakage
Undervoltage Active, VOUT = 0
−
−0.01
−10
mA
Total Standby Current
Startup Current
−
−
0.5
1.0
mA
Operating Supply Current ICC
VFB = VSense = 0 V, RT = 10 kW, CT = 3.3 nF
−
11
17
mA
Undervoltage Lockout Section
Start Threshold
−
7.6
8.0
8.4
V
Min. Operating Voltage
After Turn On
7.0
7.4
7.8
V
7. These parameters, although guaranteed, are not 100% tested in production.
PACKAGE PIN DESCRIPTION
PACKAGE PIN #
PIN SYMBOL
FUNCTION
PDIP−8
SOIC−14
1
1
COMP
Error Amp Output, Used to Compensate Error Amplifier
2
3
VFB
Error Amp Inverting Input
3
5
Sense
Noninverting Input to Current Sense Comparator
4
7
OSC
Oscillator Timing Network with Capacitor to Ground, Resistor to VREF
5
8
GND
Ground
9
Pwr GND
Output Driver Ground
6
10
VOUT
Output Drive Pin
11
VCC Pwr
Output Driver Positive Supply
7
12
VCC
Positive Power Supply
8
14
VREF
Output of 5.0 V Internal Reference
2, 4, 6, 13
NC
No Connection



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com