Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS2841B Datasheet(PDF) 1 Page - ON Semiconductor

Part # CS2841B
Description  Automotive Current Mode PWM Control Circuit
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CS2841B Datasheet(HTML) 1 Page - ON Semiconductor

  CS2841B Datasheet HTML 1Page - ON Semiconductor CS2841B Datasheet HTML 2Page - ON Semiconductor CS2841B Datasheet HTML 3Page - ON Semiconductor CS2841B Datasheet HTML 4Page - ON Semiconductor CS2841B Datasheet HTML 5Page - ON Semiconductor CS2841B Datasheet HTML 6Page - ON Semiconductor CS2841B Datasheet HTML 7Page - ON Semiconductor CS2841B Datasheet HTML 8Page - ON Semiconductor CS2841B Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
© Semiconductor Components Industries, LLC, 2005
September, 2005 − Rev. 7
1
Publication Order Number:
CS2841B/D
CS2841B
Automotive Current Mode
PWM Control Circuit
The CS2841B provides all the necessary features to implement
off−line fixed frequency current−mode control with a minimum
number of external components.
The CS2841B (a variation of the CS2843A) is designed specifically
for use in automotive operation. The low start threshold voltage of 8.0 V
(typ), and the ability to survive 40 V automotive load dump transients
are important for automotive subsystem designs. The CS2841 series
has a history of quality and reliability in automotive applications.
The CS2841B incorporates a precision temperature−controlled
oscillator with an internally trimmed discharge current to minimize
variations in frequency. Duty−cycles greater than 50% are also
possible. On board logic ensures that VREF is stabilized before the
output stage is enabled. Ion implant resistors provide tighter control of
undervoltage lockout.
Features
• Optimized for Off−Line Control
• Internally Trimmed Temperature Compensated Oscillator
• Maximum Duty−Cycle Clamp
• VREF Stabilized Before Output Stage Enabled
• Low Start−Up Current
• Pulse−By−Pulse Current Limiting
• Improved Undervoltage Lockout
• Double Pulse Suppression
• 1.0 % Trimmed Bandgap Reference
• High Current Totem Pole Output
• Pb−Free Packages are Available*
*For additional information on our Pb−Free strategy and soldering details, please
download the ON Semiconductor Soldering and Mounting Techniques
Reference Manual, SOLDERRM/D.
CS2841B = Device Code
A
= Assembly Location
WL
= Wafer Lot
YY, Y
= Year
WW
= Work Week
G
= Pb−Free Package
PDIP−8
N SUFFIX
CASE 626
PIN CONNECTIONS AND
MARKING DIAGRAM
VREF
VCC
VOUT
GND
COMP
VFB
Sense
OSC
1
8
SOIC−14
D SUFFIX
CASE 751A
GND
OSC
PWR GND
NC
VOUT
Sense
VCC PWR
NC
VCC
VFB
NC
NC
VREF
COMP
1
14
SOIC−14
PDIP−8
http://onsemi.com
See detailed ordering and shipping information in the package
dimensions section on page 2 of this data sheet.
ORDERING INFORMATION


Similar Part No. - CS2841B

ManufacturerPart #DatasheetDescription
logo
Cherry Semiconductor Co...
CS2841B CHERRY-CS2841B Datasheet
162Kb / 6P
Automotive Current Mode PWM Control Circuit
Rev. 6/23/99
CS2841BED14 CHERRY-CS2841BED14 Datasheet
162Kb / 6P
Automotive Current Mode PWM Control Circuit
Rev. 6/23/99
CS2841BEDR14 CHERRY-CS2841BEDR14 Datasheet
162Kb / 6P
Automotive Current Mode PWM Control Circuit
Rev. 6/23/99
CS2841BEN8 CHERRY-CS2841BEN8 Datasheet
162Kb / 6P
Automotive Current Mode PWM Control Circuit
Rev. 6/23/99
More results

Similar Description - CS2841B

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE7096 NTE-NTE7096 Datasheet
25Kb / 3P
Integrated Circuit Current Mode Pulse Width Modulator (PWM) Control Circuit
NTE7098 NTE-NTE7098 Datasheet
25Kb / 3P
Integrated Circuit Current Mode Pulse Width Modulator (PWM) Control Circuit
logo
Cherry Semiconductor Co...
CS2841B CHERRY-CS2841B Datasheet
162Kb / 6P
Automotive Current Mode PWM Control Circuit
Rev. 6/23/99
CS3842B CHERRY-CS3842B Datasheet
154Kb / 6P
Off-Line Current Mode PWM Control Circuit Off-Line Current Mode PWM Control Circuit
Rev. 6/23/99
CS52843 CHERRY-CS52843 Datasheet
147Kb / 6P
Current Mode PWM Control Circuit
Rev. 12/23/97
logo
ON Semiconductor
CS52843 ONSEMI-CS52843 Datasheet
240Kb / 9P
Current Mode PWM Control Circuit
July, 2006 ??Rev. 4
CS2844 ONSEMI-CS2844 Datasheet
162Kb / 12P
Current Mode PWM Control Circuit
June, 2001 ??Rev. 3
CS3845B ONSEMI-CS3845B Datasheet
63Kb / 8P
Current Mode PWM Control Circuit
December, 2001 - Rev. 7
CS52845 ONSEMI-CS52845 Datasheet
59Kb / 8P
Current Mode PWM Control
December, 2001 - Rev. 3
CS3842B ONSEMI-CS3842B Datasheet
68Kb / 8P
Off-Line Current Mode PWM Control Circuit
December, 2001 - Rev. 4
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com