Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS2841B Datasheet(PDF) 3 Page - ON Semiconductor

Part # CS2841B
Description  Automotive Current Mode PWM Control Circuit
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CS2841B Datasheet(HTML) 3 Page - ON Semiconductor

  CS2841B Datasheet HTML 1Page - ON Semiconductor CS2841B Datasheet HTML 2Page - ON Semiconductor CS2841B Datasheet HTML 3Page - ON Semiconductor CS2841B Datasheet HTML 4Page - ON Semiconductor CS2841B Datasheet HTML 5Page - ON Semiconductor CS2841B Datasheet HTML 6Page - ON Semiconductor CS2841B Datasheet HTML 7Page - ON Semiconductor CS2841B Datasheet HTML 8Page - ON Semiconductor CS2841B Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
CS2841B
http://onsemi.com
3
ELECTRICAL CHARACTERISTICS (−40
°C ≤ TA ≤ 85°C, RT = 680 kW, CT = 0.022 mF for Triangular Mode, VCC = 15 V (Note 3),
RT = 10 kW, CT = 3.3 nF for Sawtooth Mode (see Figure 7); unless otherwise specified.)
Characteristic
Test Conditions
Min
Typ
Max
Unit
Reference Section
Output Voltage
TJ = 25°C, IOUT = 1.0 mA
4.9
5.0
5.1
V
Line Regulation
8.4
≤ VCC ≤ 16 V
−
6.0
20
mV
Load Regulation
1.0
≤ IOUT ≤ 20 mA
−
6.0
25
mV
Temperature Stability
Note 4
−
0.2
0.4
mV/
°C
Total Output Variation
Line, Load, Temp. Note 4
4.82
−
5.18
V
Output Noise Voltage
10 Hz
≤ f ≤ 10 kHz, TJ = 25°C. Note 4
−
50
−
mV
Long Term Stability
TA = 125°C, 1000 Hrs. Note 4
−
5.0
25
mV
Output Short Circuit
TA = 25°C
−30
−100
−180
mA
Oscillator Section
Initial Accuracy
Sawtooth Mode: TJ = 25°C. See Figure 7.
Sawtooth Mode: −40
°C ≤ TA ≤ +85°C
Triangular Mode: TJ =25°C. See Figure 7.
47
44
44
52
52
52
57
60
60
kHz
kHz
kHz
Voltage Stability
8.4
≤ VCC ≤ 16 V
−
0.2
1.0
%
Temperature Stability
Sawtooth Mode: TMIN ≤ TA ≤ TMAX. Note 4
Triangular Mode: TMIN ≤ TA ≤ TMAX. Note 4
−
−
5.0
8.0
−
−
%
%
Amplitude
VOSC (Peak to Peak)
−
1.7
−
V
Discharge Current
TJ = 25°C
TMIN ≤ TA ≤ TMAX
7.4
7.2
8.3
−
9.2
9.4
mA
mA
Error Amp Section
Input Voltage
VCOMP = 2.5 V
2.42
2.5
2.58
V
Input Bias Current
VFB = 0 V
−
−0.3
−2.0
mA
AVOL
2.0
≤ VOUT ≤ 4.0 V
65
90
−
dB
Unity Gain Bandwidth
Note 4
0.7
1.0
−
MHz
PSRR
8.4 V
≤ VCC ≤ 16 V
60
70
−
dB
Output Sink Current
VFB = 2.7 V, VCOMP = 1.1 V
2.0
6.0
−
mA
Output Source Current
VFB = 2.3 V, VCOMP = 5.0 V
−0.5
−0.8
−
mA
VOUT High
VFB = 2.3 V, RL = 15 kW to Ground
5.0
6.0
−
V
VOUT Low
VFB = 2.7 V, RL = 15 kW to VREF
−
0.7
1.1
V
Current Sense Section
Gain
Notes 5 and 6
2.85
3.0
3.15
V/V
Maximum Input Signal
VCOMP = 5.0 V. Note 5
0.9
1.0
1.1
V
PSRR
12 V
≤ VCC ≤ 25 V. Note 5
−
70
−
dB
Input Bias Current
VSense = 0 V
−
−2.0
−10
mA
Delay to Output
TJ = 25°C. Note 4
−
150
300
ns
3. Adjust VCC above the start threshold before setting at 15 V
4. These parameters, although guaranteed, are not 100% tested in production
5. Parameter measured at trip point of latch with VFB = 0
6. Gain defined as:
A
+ D
VCOMP
DVSense
;0
v VSense v 0.8 V.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com