Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CSS555C Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # CSS555C
Description  Micropower Timer (with Internal Timing Capacitor)
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

CSS555C Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  CSS555C Datasheet HTML 1Page - List of Unclassifed Manufacturers CSS555C Datasheet HTML 2Page - List of Unclassifed Manufacturers CSS555C Datasheet HTML 3Page - List of Unclassifed Manufacturers CSS555C Datasheet HTML 4Page - List of Unclassifed Manufacturers CSS555C Datasheet HTML 5Page - List of Unclassifed Manufacturers CSS555C Datasheet HTML 6Page - List of Unclassifed Manufacturers CSS555C Datasheet HTML 7Page - List of Unclassifed Manufacturers CSS555C Datasheet HTML 8Page - List of Unclassifed Manufacturers CSS555C Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
Custom Silicon Solutions, Inc. ©2009
4
Version 1.1, May 2009
CSS555C
Micropower Timer (with Internal Timing Capacitor)
Electrical Characteristics (cont)
Temperature = -40°C to +85°C, Test Circuit #1, unle ss otherwise specified
(If VDD < 1.8V, “Low Voltage” mode must be selected to provide adequate comparator input levels. EE Bit5 = 1)
Parameter
Symbol
Conditions
Min
Typ
Max
Units
Supply Range
VDD
Standard VDD (EE Bit 5 = 0)
Low VDD (EE Bit 5 = 1)
1.8
1.2
5.5
5.5
V
V
Supply Current
(No DC load on OUTPUT pin, RL = ∞)
IDD
VDD = 1.5V
VDD = 3.0V
VDD = 5.0V
2.2
3.1
4.3
5.0
7.5
10.0
µA
µA
µA
Timing Accuracy
(Micro power setting, EE Bit 4 = 0)
(Monostable & Astable Modes)
TAVDD
RA(B) = 1M , CT = 0.001
µF
VDD = 1.5V
VDD = 3.0V
VDD = 5.0V
1.0
1.0
1.0
2.5
2.5
2.5
%
%
%
Timing Drift with Temperature
(Monostable & Astable Modes)
TDTEMP
RA(B) = 1M , CT = 0.001
µF
VDD = 1.5V
VDD = 3.0V
VDD = 5.0V
45
35
35
ppm/°C
ppm/°C
ppm/°C
Timing Shift with Supply Voltage
(Monostable & Astable Modes)
TSVDD
RA(B) = 1M , CT = 0.001
µF
VDD = 1.5V
VDD = 3.0V
VDD = 5.0V
0.10
0.15
0.15
%/V
%/V
%/V
Maximum Oscillator Frequency
fMAX
RA,B = 4.7K , CTI = 100 pF
1
MHz
Control Voltage
VCTRL
Standard VDD (EE Bit 5 = 0)
Low VDD (EE Bit 5 = 1)
64
88
67
90
70
92
% V
% V
Trigger Voltage
VTRIG
Standard VDD (EE Bit 5 = 0)
Low VDD (EE Bit 5 = 1)
30
8
33
10
36
12
% V
% V
Reset Voltage
VRST
0.3 x VDD
0.5 x VDD
0.7 x VDD
V
Output Voltage
(Timer Output Pin)
VOL
VDD = 1.5V, ISINK = 1 mA
VDD = 3.0V, ISINK = 4 mA
VDD = 5.0V, ISINK = 10 mA
0.07
0.16
0.31
0.20
0.30
0.60
V
V
V
VOH
VDD = 1.5V, ISOURCE = 1 mA
VDD = 3.0V, ISOURCE = 4 mA
VDD = 5.0V, ISOURCE = 10 mA
1.30
2.70
4.40
1.40
2.85
4.73
V
V
V
Discharge Saturation Voltage
(Discharge Output Pin)
VDIS
VDD = 1.5V, ISINK = 2.5 mA
VDD = 3.0V, ISINK = 10 mA
VDD = 5.0V, ISINK = 25 mA
0.07
0.18
0.36
0.20
0.30
0.60
V
V
V
Input Current
(Trigger, Reset & Threshold Inputs)
IIN
VDD = 5.5V
VIN = 0.0V to 5.5V
10
pA
Discharge Leakage Current
IDIS
VDD = 5.5V
1
100
nA
Output Rise & Fall Times
tR, tF
VDD = 3.0V, CL = 10 pF
5
ns
Input Capacitance
CIN
10
pF
Internal Timing Capacitor (NP0)
CTI
Trim Resolution = 0.2pF
99
100
101
pF
Table 3
Test Circuit #1
Figure 5
VDD
RA
Trigger
Output
Reset
CT
VDD
Dischg
Thresh
Control
CSS555C
VSS
Trigger
Output
Reset
RB
Note:
CT ≡ External Timing Capacitor
CTI ≡ Internal Timing Capacitor
CTOTAL ≡ CT + CTI



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com