Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CSS555C Datasheet(PDF) 11 Page - List of Unclassifed Manufacturers

Part # CSS555C
Description  Micropower Timer (with Internal Timing Capacitor)
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

CSS555C Datasheet(HTML) 11 Page - List of Unclassifed Manufacturers

Back Button CSS555C Datasheet HTML 5Page - List of Unclassifed Manufacturers CSS555C Datasheet HTML 6Page - List of Unclassifed Manufacturers CSS555C Datasheet HTML 7Page - List of Unclassifed Manufacturers CSS555C Datasheet HTML 8Page - List of Unclassifed Manufacturers CSS555C Datasheet HTML 9Page - List of Unclassifed Manufacturers CSS555C Datasheet HTML 10Page - List of Unclassifed Manufacturers CSS555C Datasheet HTML 11Page - List of Unclassifed Manufacturers CSS555C Datasheet HTML 12Page - List of Unclassifed Manufacturers CSS555C Datasheet HTML 13Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 11 / 13 page
background image
Custom Silicon Solutions, Inc. ©2009
11
Version 1.1, May 2009
CSS555C
Micropower Timer (with Internal Timing Capacitor)
Typical Performance Characteristics (continued)
Figure 27 Trigger Pulse Width (Std. VDD)
Figure 28 Trigger Pulse Width (Low VDD)
Figure 29 OUTPUT VOH vs. IOH
Figure 30 OUTPUT IOH vs. Temperature
Figure 31 OUTPUT VOL vs. IOL
Figure 32 OUTPUT IOL vs. Temperature
Minimum Trigger Pulse Width vs. Trigger
Level
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
0
5
10
15
20
25
30
35
Trigger Low Level (%VDD)
Power Setting
Micro
Low
Standard Trip Levels (1/3 & 2/3 VDD)
VDD
5.0V
3.0V
2.0V
Minimum Trigger Pulse Width vs. Trigger
Level
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
0
1
2
3
4
5
6
7
8
9
10
Trigger Low Level (%VDD)
Low VDD Trip Levels (10% & 90% VDD)
Power Setting
Micro
Low
VDD
3.0V
2.0V
1.5V
Timer OUTPUT Low Voltage vs. Sink Current
0.0
0.5
1.0
1.5
2.0
0.1
1.0
10.0
100.0
Output Sink Current (mA)
VDD
3.0V
VDD
1.5V
VDD
5.0V
Timer OUTPUT Drive Low vs. Temperature
0
1
2
3
4
5
6
7
8
9
10
-50
-25
0
25
50
75
100
125
Temperature (degrees C)
VDD = 5.0V
VDD = 1.5V
VDD = 3.0V
IOL measured at VOL = 0.2V
Timer OUTPUT Drive High vs. Temperature
0
1
2
3
4
5
6
7
8
9
10
-50
-25
0
25
50
75
100
125
Temperature (degrees C)
VDD = 5.0V
VDD = 3.0V
VDD = 1.5V
IOH measured at VOH = VDD - 0.2V
Timer OUTPUT High Voltage vs. Source
Current
0.0
0.5
1.0
1.5
2.0
0.1
1.0
10.0
100.0
Output Source Current
(mA)
VDD
5.0V
VDD
3.0V
VDD
1.5V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com