Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CSS555C Datasheet(PDF) 6 Page - List of Unclassifed Manufacturers

Part # CSS555C
Description  Micropower Timer (with Internal Timing Capacitor)
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

CSS555C Datasheet(HTML) 6 Page - List of Unclassifed Manufacturers

Back Button CSS555C Datasheet HTML 2Page - List of Unclassifed Manufacturers CSS555C Datasheet HTML 3Page - List of Unclassifed Manufacturers CSS555C Datasheet HTML 4Page - List of Unclassifed Manufacturers CSS555C Datasheet HTML 5Page - List of Unclassifed Manufacturers CSS555C Datasheet HTML 6Page - List of Unclassifed Manufacturers CSS555C Datasheet HTML 7Page - List of Unclassifed Manufacturers CSS555C Datasheet HTML 8Page - List of Unclassifed Manufacturers CSS555C Datasheet HTML 9Page - List of Unclassifed Manufacturers CSS555C Datasheet HTML 10Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
Custom Silicon Solutions, Inc. ©2009
6
Version 1.1, May 2009
CSS555C
Micropower Timer (with Internal Timing Capacitor)
Monostable Operation
(Extended Period or “EP” Mode)
For longer time delays, the circuit in Figure 9 uses the
internal decade counter to effectively multiply the value of
the timing capacitor. Three bits in the EEPROM select a
multiplier value from 10 to 10
6. The 555 analog block is
configured as a free running oscillator, which is the input
clock to the counter. On the falling edge of TRIGGER, the
555 oscillator is enabled, OUTPUT is set high, the decade
counter is enabled and a new timing cycle begins. The
timing cycle ends when the counter reaches the selected
terminal count. Waveforms for an extended delay cycle
are shown in Figure 10.
Figure 9 – Extended Period Delay Circuit
Figure 10 – Extended Period Waveforms
In the Extended Period monostable configuration, the
duration of the timing cycle is the oscillator period
multiplied by the counter setting. The 555 oscillator is
configured for astable operation. (The internal TRIGGER
signal to the oscillator is internally tied to THRESHOLD.
See Figure 4.) VCAP oscillates between ⅓ & ⅔ VDD (or 10%
& 90% if low voltage mode is selected). The delay time
equations for both supply conditions are provided in the
following paragraph.
Extended Delay Time Equations:
For standard supply voltages (VLOW Bit = 0)
Oscillator Period (tOSC) = 0.695 x (RA+2RB) x CTotal
Total Delay Time = Counter Setting (or Mult) x tOSC
Total Delay Time = Mult x 0.695 x (RA+2RB) x CTotal
where
CTotal = CT + CTI
CT = External timing capacitor
CTI = Internal 100pF timing capacitor
For low voltage mode (VLOW Bit = 1)
Oscillator Period (tOSC) = 2.197 x (RA+2RB) x CTotal
Total Delay Time = Counter Setting (or Mult) x tOSC
Total Delay Time = Mult x 2.197 x (RA+2RB) x CTotal
The chart in Figure 11 shows nominal delay times for
multiplier settings from 1 to 10
6
and resistor values
(RA+2RB) from 1K
to 10M .
(The internal timing
capacitor, CTI, equals 100pF. No external capacitor.) The
resulting delay times cover an eight-decade range!
1
10
100
1000
10000
100000
1000000
1.E-02
1.E-01
1.E+00
1.E+01
1.E+02
1.E+03
1.E+04
1.E+05
1.E+06
Delay Time (sec)
Figure 11 – Extended Period Delay Chart
The component values required for some common delay
times are listed in Table 5. For this calculation, the value of
RA and RB are equal. To keep the overall power low,
values above 1M
were selected.
Delay
Multiplier
CTotal Value
RA & RB
1 msec
1
100pF
2.35 M
1 sec.
1K
100pF
4.8 M
1 min.
100K
100pF
2.9 M
1 hour
1M
500pF
3.5 M
1 day
1M
0.01uF
4.1 M
1 week
1M
0.1uF
2.9 M
Table 5 – Extended Period Delay Table
Note:
CTotal = CT + CTI
CT = External timing capacitor (may be zero)
CTI = Internal 100pF timing capacitor
TRIGGER
OUTPUT
VCAP
0V
⅔ VDD
⅓ VDD
RESET
Mult = 10
CTI = 100pF
RA+2RB = 1K
10K
100K
1M
10M
Green:
Low VDD
Blue:
Std. VDD
VDD
RA
Trigger
Output
Reset
CT
VDD
Dischg
Thresh
Control
CSS555C
VSS
Trigger
Output
Reset
Trigger
Output
Reset
RB
VTH
Optional



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com